Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
45
Port VLAN Map Registers (Registers 1E to 2C)
These registers provide the VLAN map for each port. Registers 1D, 1F, 21, 23, 25, 27, 29, and 2B
are reserved. The values for these reserved registers should be all zero.
A VLAN worksheet is provided in Appendix I.
Table 28: Port VLAN Map Registers (Registers 1E to 2C)
BIT
NAME
DESCRIPTION
15~8
Reserved
Should be set to 0.
7
Port7VLAN
Port VLAN Corresponding to the Port 7.
0: Non-member port.
1: Member port.
6
Port6VLAN
Port VLAN Corresponding to the Port 6.
0: Non-member port.
1: Member port.
5
Port5VLAN
Port VLAN Corresponding to the Port 5.
0: Non-member port.
1: Member port.
4
Port4VLAN
Port VLAN Corresponding to the Port 4.
0: Non-member port.
1: Member port.
3
Port3VLAN
Port VLAN Corresponding to the Port 3.
0: Non-member port.
1: Member port.
2
Port2VLAN
Port VLAN Corresponding to the Port 2.
0: Non-member port.
1: Member port.
1
Port1VLAN
Port VLAN Corresponding to the Port 1.
0: Non-member port.
1: Member port.
0
Port0VLAN
Port VLAN Corresponding to the Port 0.
0: Non-member port.
1: Member port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com