Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 43Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 44Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
44
4
LrnDis
Learning Disable.
0: Source address from this port will be learned.
1: Source address from this port will not be learned.
3~2
Reserved
Must set to 11.
1~0
Reserved
Reserved (Set to 0).
Table 27: Port Configuration Register II
BIT
NAME
DESCRIPTION
15~14
Reserved
Reserved
13
Reserved
Reserved (Set to 0).
12
SkipANDone
Ignore Auto-Negotiation Complete and Wait for Link Up.
11
FlowCtrlFdEn
Flow Control Full-duplex Enable.
10
FlowCtrlHdEn
Flow Control Half-duplex Enable.
9~6
MDIOCfg[3:0]
MDIO Configuration.
0001: Master mode PHY management.
0010: Slave mode PHY management.
0111: Force mode.
5
MDIODis
MDIO Disable.
0: MDIO is enabled.
1: MIDO is disabled.
4
LinkUp
This bit is not relevant when MDIO is enabled. When MDIO is
disabled, this bit forces the port into link up or link down state.
3
PrtMode100F
Force 100 Full-duplex Mode.
2
PrtMode100H
Force 100 Half-duplex Mode.
1
PrtMode10F
Force 10 Full-duplex Mode.
0
PrtMode10H
Force 10 Half-duplex Mode.
Table 26: Port Configuration Register I (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com