Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
8
M1RXD3
M1RXD2
M1RXD1
M1RXD0
43
41
40
39
I
Receive Data - NRZ data from the transceiver.
For MII interface, signal RX_DV, RX_ER and RX_D0 through
RX_D3 are sampled by the rising edge of RX_CLK.
M1RXDV
38
I
Receive Data Valid.
M1RXCLK
37
I
Receive Clock.
M1RXER
36
I
Receive Data Error.
M1CRS
25
I
Carrier Sense.
M1COL
27
I
Collision Detect.
Table 3: MII Interface Port 2
PIN
NAME
PIN
NUMBER
I/O
DESCRIPTION
M2TXD3
M2TXD2
M2TXD1
M2TXD0
50
51
52
54
O
Transmit Data - NRZ data to be transmitted to transceiver.
Signal TX_EN and TXD0 through TX_D3 are clocked out by
the rising edge of TX_CLK.
M2TXEN
55
O
Transmit Enable.
Synchronous to the transmit clock.
M2TXCLK
56
I
Transmit Clock Input.
25 MHz for 100 Mbit/s and 2.5 MHz for 10 Mbit/s.
M2RXD3
M2RXD2
M2RXD1
M2RXD0
69
67
61
60
I
Receive Data - NRZ data from the transceiver.
For MII interface, signal RX_DV, RX_ER and RX_D0 through
RX_D3 are sampled by the rising edge of RX_CLK.
M2RXDV
59
I
Receive Data Valid.
M2RXCLK
58
I
Receive Clock.
M2RXER
57
I
Receive Data Error.
M2CRS
46
I
Carrier Sense.
M2COL
48
I
Collision Detect.
Table 2: MII Interface Port 1 (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com