Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
10
M4RXCLK
113
I
Receive Clock.
M4RXER
112
I
Receive Data Error.
M4CRS
101
I
Carrier Sense.
M4COL
103
I
Collision Detect.
Table 6: MII Interface Port 5
PIN
NAME
PIN
NUMBER
I/O
DESCRIPTION
M5TXD3
M5TXD2
M5TXD1
M5TXD0
131
132
133
135
O
Transmit Data - NRZ data to be transmitted to transceiver.
Signal TX_EN and TXD0 through TX_D3 are clocked out by
the rising edge of TX_CLK.
M5TXEN
136
O
Transmit Enable.
Synchronous to the transmit clock.
M5TXCLK
137
I
Transmit Clock Input.
25 MHz for 100 Mbit/s and 2.5 MHz for 10 Mbit/s.
M5RXD3
M5RXD2
M5RXD1
M5RXD0
145
143
142
141
I
Receive Data - NRZ data from the transceiver.
For MII interface, signal RX_DV, RX_ER and RX_D0 through
RX_D3 are sampled by the rising edge of RX_CLK.
M5RXDV
140
I
Receive Data Valid.
M5RXCLK
139
I
Receive Clock.
M5RXER
138
I
Receive Data Error.
M5CRS
123
I
Carrier Sense.
M5COL
125
I
Collision Detect.
Table 7: MII Interface Port 6
PIN
NAME
PIN
NUMBER
I/O
DESCRIPTION
M6TXD3
M6TXD2
M6TXD1
M6TXD0
152
153
154
156
O
Transmit Data - NRZ data to be transmitted to transceiver.
Signal TX_EN and TXD0 through TX_D3 are clocked out by
the rising edge of TX_CLK.
M6TXEN
157
O
Transmit Enable.
Synchronous to the transmit clock.
Table 5: MII Interface Port 4 (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com