Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 50Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 51Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 52Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
49
Indirect Resource Access Command Register (Register 42)
Indirect resource access command allows the management (Reverse EEPROM Method) to access
other resources other than the AL103 register values. PHY registers, both internal and external
MAC address tables, and SGRAM contents can be accessed using this command.
Table 33: Indirect Resource Access Command Register (Register 42)
BIT
NAME
DESCRIPTION
15
CmdDone
Command Done.
0: Execute new command.
1: Command done.
Clear this bit to execute a new command. When finished with the
command, the AL103 will set the bit back to “1.”
14
Operation
Read/Write Operation Command.
0: Read operation.
1: Write operation.
13~11
ResType
Type of Accessed Resource.
000: PHY registers.
001: EEPROM
010: SGRAM
011: MAC address table 1;
Read: MAC table address read.
Write: MAC address learn.
100: MAC address table 2;
Read: MAC address search.
Write: MAC address delete.
101-111: Reserved
10
ExtRD
External MAC Address Table Read.
If ResType = 011 and Operation = 0
0: On-chip address table read.
1: Off-chip address table read.
10~0
ResAddr
The Address of the Entry Within the Accessed Resource.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com