Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 50Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 51Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 52Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 53Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 54Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 55Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 56Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
53
Figure 12
PHY Management Write Timing
Table 42: PHY Management (MDIO) Write Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tch
MDC high time.
420
425
430
ns
tcl
MDC low time.
420
425
430
ns
tmc
MDC period.
840
850
860
ns
td
MDIO output delay.
40
-
52
ns
Table 43: SGRAM Refresh Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tAH
Access hold time.
1
-
-
ns
tAS
Access setup time.
3
-
-
ns
tCH
PBCS#, PBRAS#, PBWE# hold time.
1
-
-
ns
tCHI
Clock high level width.
3.5
-
-
ns
tCK
System clock cycle time.
10
-
-
ns
tCKH
CKE hold time.
1
-
-
ns
tCKS
CKE setup time.
3
-
-
ns
tCL
Clock low level width.
3.5
-
-
ns
tCS
PBCS#, PBRAS#, PBWE# setup time.
3
-
-
ns
tRP
Precharge command period.
30
-
-
ns
tRC
Auto-refresh to auto-refresh period.
90
-
-
ns
t
cl
t
ch
MDC
MDIO
t
mc
t
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com