Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AL103 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Reference Only / Allayer Communications
AL103
Revision 1.0
8 PORT LOW COST 10/100 SWITCH
Product Description
The AL103 is an eight-port 10/100 Mbit/s dual speed Ethernet switch. A low-cost Fast Ethernet
switch can be implemented using the AL103 with low-cost SGRAM. The AL103 also supports
VLAN and multiple port aggregation trunks.
Figure 1
System Block Diagram
Supports 8 10/100 Mbit/s MII ports
Capable of trunking up to 800 Mbit/s link
Trunk fail-over feature
Full- and half-duplex mode operation
Speed auto-negotiation through MDIO
Built-in storage of 1K MAC addresses
Design to utilize low-cost SGRAM
Serial EEPROM interface for low-cost
system configuration
Automatic source address learning
Secure mode traffic filtering
Broadcast storm control
Port monitoring support
IEEE 802.3x flow control for full-duplex
operation
Optional backpressure flow control sup-
port for half-duplex operation
Supports store-and-forward mode
switching
VLAN support
AL102A pin compatible
3.3V operation
Packaged in 256-pin PQFP
10/100 MAC
10/100 MAC
10/100 MAC
10/100 MAC
10/100 MAC
10/100 MAC
10/100 MAC
10/100 MAC
High Speed
Switch Fabric
Switch
Controller
Address
Control
Address
Table
Buffer
Manager
EEPROM
Interface


Similar Part No. - AL103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL103 ETC1-AL103 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
More results

Similar Description - AL103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
logo
ASIX Electronics Corpor...
AX88658AB ASIX-AX88658AB Datasheet
328Kb / 36P
8-Port 10/100/1000BASE-T Ethernet Switch
logo
List of Unclassifed Man...
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Level One
FSW-0812 LVL1-FSW-0812 Datasheet
101Kb / 2P
8-Port 10/100 PD Switch
logo
List of Unclassifed Man...
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com