Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 53Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 54Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 55Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 56Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 57Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 58Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 59Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 60Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
57
Note:
This timing requirement is for a SGRAM running at CAS Latency 2. Typically
a -8 speed grade SGRAM needs to be used.
Table 45: SGRAM Write Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tAH
Access hold time.
2
-
-
ns
tAS
Access setup time.
2.5
-
-
ns
tCH
PBCS#, PBRAS#, PBWE# hold
time.
1-
-
ns
tCHI
Clock high level width.
3
-
-
ns
tCK
System clock cycle time.
13
-
-
ns
tCKH
CKE hold time.
2
-
-
ns
tCKS
CKE setup time.
3
-
-
ns
tCL
Clock low level width.
3
-
-
ns
tCS
PBCS#, PBRAS#, PBWE#
setup time.
2.5
-
-
ns
tDH
Data in hold time.
1
-
-
ns
tDS
Data in setup time.
2.5
-
-
ns
tRAS
Active to precharge command
period.
48
-
100,000
ns
tRCD
Active to read delay.
24
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com