Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 40 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 40 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
40
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG0Fh: System Voltage ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VSYS[7]
0
N
N
R
2560mV
These bits set the analog-to-
digital conversion (ADC) of
the system voltage. They
have a 0V offset, and a 0V to
5.1V range.
6
VSYS[6]
0
N
N
R
1280mV
5
VSYS[5]
0
N
N
R
640mV
4
VSYS[4]
0
N
N
R
320mV
3
VSYS[3]
0
N
N
R
160mV
2
VSYS[2]
0
N
N
R
80mV
1
VSYS[1]
0
N
N
R
40mV
0
VSYS[0]
0
N
N
R
20mV
REG10h: NTC Voltage ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
NTC[7]
0
N
N
R
50.176%
These bits set the analog-to-
digital conversion (ADC) of
the NTC voltage. They have
a 0% offset, and a 0% to
100% range.
6
NTC[6]
0
N
N
R
25.088%
5
NTC[5]
0
N
N
R
12.544%
4
NTC[4]
0
N
N
R
6.272%
3
NTC[3]
0
N
N
R
3.136%
2
NTC[2]
0
N
N
R
1.568%
1
NTC[1]
0
N
N
R
0.784%
0
NTC[0]
0
N
N
R
0.392%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com