Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 30 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 30 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. MP2733 Datasheet HTML 31Page - MPS Industries, Inc. MP2733 Datasheet HTML 32Page - MPS Industries, Inc. MP2733 Datasheet HTML 33Page - MPS Industries, Inc. MP2733 Datasheet HTML 34Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
30
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
I2C REGISTER MAP
IC Address
4Bh Register
Name
Address
R/W
Description
REG00h
0x00
R/W
Input current limit setting.
REG01h
0x01
R/W
Input voltage regulation setting.
REG02h
0x02
R/W
NTC configuration and thermal regulation setting.
REG03h
0x03
R/W
ADC control and OTG configuration.
REG04h
0x04
R/W
Charge control and VSYS configuration.
REG05h
0x05
R/W
Charge current configuration.
REG06h
0x06
R/W
Pre-charge and termination current.
REG07h
0x07
R/W
Charge voltage regulation.
REG08h
0x08
R/W
Timer configuration.
REG09h
0x09
R/W
Bandgap setting.
REG0Ah
0x0A
R/W
BATTFET configuration.
REG0Bh
0x0B
R/W
INT mask and USB detection setting.
REG0Ch
0x0C
R
Status indicator.
REG0Dh
0x0D
R
Fault indicator.
REG0Eh
0x0E
R
Battery voltage ADC.
REG0Fh
0x0F
R
System voltage ADC.
REG10h
0x10
R
NTC voltage ADC.
REG11h
0x11
R
Input voltage ADC.
REG12h
0x12
R
Charge current ADC.
REG13h
0x13
R
Input current ADC.
REG14h
0x14
R
Power management status.
REG15h
0x15
R/W
DPM mask setting.
REG16h
0x16
R/W
JEITA configuration.
REG17h
0x17
R
Safety timer status and part number setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com