Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 42 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 42 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
42
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG14h: Power Management Status
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VINPPM_STAT
0
N
N
R
0: No PPM
1: VINPPM
This bit is set to 0 by default.
6
IINPPM_STAT
0
N
N
R
0: No PPM
1: IINPPM
This bit is set to 0 by default.
5
IIN_DPM[5]
0
N
N
R
1600mA
These bits have a 100mA
offset, a 100mA to 3.25A
range, and are set to 001000
by default.
4
IIN_DPM[4]
0
N
N
R
800mA
3
IIN_DPM[3]
1
N
N
R
400mA
2
IIN_DPM[2]
0
N
N
R
200mA
1
IIN_DPM[1]
0
N
N
R
100mA
0
IIN_DPM[0]
0
N
N
R
50mA
REG15h: DPM Mask
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
AICO_STAT
0
N
N
R
0: No operation
1: AICO action
This bit is set to 0 by default.
6
VINPPM_INT_
MASK[1]
1
Y
Y
R/W
0: No INT during
VINPPM
1: INT during VINPPM
This bit is set to 1 by default.
5
IINPPM_INT_
MASK[1]
1
Y
Y
R/W
0: No INT during
IINPPM
1: INT during IINPPM
This bit is set to 1 by default.
4
RESERVED
N/A
N/A
N/A
N/A
Reserved.
3
RESERVED
N/A
N/A
N/A
N/A
Reserved.
2
RESERVED
N/A
N/A
N/A
N/A
Reserved.
1
RESERVED
N/A
N/A
N/A
N/A
Reserved.
0
RESERVED
N/A
N/A
N/A
N/A
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com