Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. MP2733 Datasheet HTML 14Page - MPS Industries, Inc. MP2733 Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
11
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Charge current LSB
ICHG_RES
17.5
mA
Charge current accuracy
ICHG_ACC
Charge mode, ICHG = 1.84A
3
LSB
System voltage range
VSYS
0
5.1
V
System voltage LSB
VSYS_RES
20
mV
System voltage accuracy
VSYS_ACC
VSYS = 3.8V
2
LSB
Input current range
IIN
0
3.39
A
Input current LSB
IIN_RES
13.3
mA
Input current accuracy
IIN_ACC
IIN = 500mA
4
LSB
NTC voltage range
VNTC
0
100
%
NTC voltage LSB
VNTC_RES
0.392
%
NTC voltage accuracy
VNTC_ACC
VNTC = 50%
2
LSB
DP/DM USB Detection
DP DCD current source
IDP_SRC
7
10
14
uA
DM pull-down resistance
RDM_DOWN
14.3
20
24.8
kΩ
Data detection voltage
VDAT_REF
0.25
0.325
0.4
V
DP/DM comparator threshold
(2.9V)
VTH_2P9
2.8
2.9
3.0
V
DP/DM comparator threshold
(2.4V)
VTH_2P4
2.3
2.4
2.5
V
DP/DM comparator threshold
(2.2V)
VTH_2P2
2.1
2.2
2.3
V
DP/DM comparator threshold
(1.7V)
VTH_1V7
1.6
1.7
1.8
V
DP voltage source
VDP_SRC
0.5
0.6
0.7
V
DM voltage source
VDM_SRC
0.5
0.6
0.7
V
DP sink current
IDP_SINK
70
100
130
μA
DM sink current
IDM_SINK
70
100
130
μA
Leakage current input DP/DM
pin
IDP_LKG
-1
+1
μA
IDM_LKG
-1
+1
μA
Logic I/O Pin Characteristics (STAT, INT, OTG, /CE, DISC)
Logic low voltage threshold
VIL
0.4
V
Logic high voltage threshold
VIH
1.3
V
I2C Interface (SDA, SCL)
Input high threshold level
VIH
VPULL_UP = 1.8V, SDA and SCL
1.3
V
Input low threshold level
VIL
VPULL_UP = 1.8V, SDA and SCL
0.4
V
Output low threshold level
VOL
ISINK = 5mA
0.4
V
I2C clock frequency
fSCL
400
kHz
Clock Frequency and Watchdog Timer
Clock frequency
fCLK
5
MHz
Watchdog timer
tWDT
REG08h, bits[5:4] = 11
160
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com