Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 9 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 9 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. MP2733 Datasheet HTML 10Page - MPS Industries, Inc. MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
9
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Battery discharge function
controlled by the DISC pin
tDISC
DISC pin low time to turn off the
battery discharge function,
REG0Ah, bits[1:0] = 00
8
s
Battery discharge off time to turn on
the
battery
discharge
function,
REG0Ah, bits[3:2] = 00
0.5
s
Input Voltage and Input Current Regulation
Input minimum voltage
regulation (I2C)
VIN_MIN
3.7
15.2
V
Input minimum voltage
regulation accuracy
VIN_MIN_ACC
REG01h, bits[6:0] = 0000110,
VIN_REG = 4.3V
-3
+3
%
Input current limit
IIN_LIM
USB500
400
450
500
mA
USB900
750
825
900
1A
840
920
1000
CDP or 1.5A
1270
1400
1500
DCP
1570
1690
1800
2A
1750
1880
2000
2.1A
1840
1970
2100
2.4A
2050
2240
2400
3A
2640
2800
3000
Protection
Battery over-voltage protection
(OVP) threshold
VBATT_OVP
Rising, compared to VBATT_REG
103.5
%
Battery OVP threshold
hysteresis
Compared to VBATT_REG
1.5
%
Thermal regulation
TJ_REG
TJ_REG, REG02h, bits[3:2] = 11
112
°C
Thermal shutdown threshold (6)
TJ_SHDN
TJ rising
150
°C
Thermal shutdown hysteresis (6)
20
°C
NTC float threshold
VFLT
As a percentage of VNTC
95
%
NTC float threshold hysteresis
As a percentage of VNTC
3.6
%
NTC low temp rising threshold
VCOLD
As a percentage of VNTC
71
72
73
%
NTC low temp rising threshold
hysteresis
As a percentage of VNTC
1.3
%
NTC cool temp rising threshold
VCOOL
As a percentage of VNTC
59
60
61
%
NTC cool temp rising threshold
hysteresis
As a percentage of VNTC
1.3
%
NTC warm temp falling
threshold
VWARM
As a percentage of VNTC
39.3
40.3
41.3
%
NTC warm temp falling
threshold hysteresis
As a percentage of VNTC
1.5
%
NTC hot temp falling threshold
VHOT
As a percentage of VNTC
35.3
36.3
37.3
%
Note:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com