Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 46 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 46 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. MP2733 Datasheet HTML 48Page - MPS Industries, Inc. MP2733 Datasheet HTML 49Page - MPS Industries, Inc. MP2733 Datasheet HTML 50Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
46
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Input Current Limit
The input current limit (IIN_LIM) is set according to
the input power source. IIN_LIM can be set through
the I2C using the MP2733
’s GUI. If a user wants
to set a current limit that cannot be set by the I2C,
it can be set using the ILIM pin. Connect a
resistor from the ILIM pin to AGND to program
IIN_LIM. The MP2733 selects the lower value
between the I2C setting and the resistor setting.
The ILIM pin resistance can be calculated with
Equation (1) on page 22.
See Table 1 on page 22 to determine how to set
IIN_LIM for USB inputs.
Selecting the Inductor
Inductor selection is a tradeoff between cost,
size, and efficiency. A smaller-value inductor is
physically small, but results in higher ripple
current, magnetic hysteretic loss, and output
capacitance. A larger-value inductor provides
lower ripple current and smaller output filter
capacitors, but results in higher inductor DC
resistance (DCR) loss.
For the best results, the inductor ripple current
should not exceed 30% of the maximum load
current under the worst-case conditions. For the
MP2733 to operate with a typical 5V input
voltage, the maximum inductor current ripple
occurs at the corner point between pre-charge
and constant current charge. The inductance (L)
can be estimated with Equation (2):
IN
SYS
SYS
L_MAX
IN
SW
V -V
V
L=
(
μH)
ΔI
V
f
(MHz)
(2)
Where VIN is the input voltage, VSYS is the system
voltage, fSW is the switching frequency, and
∆IL_MAX is the maximum inductor ripple current,
(usually 30% of the CC charge current).
IPEAK can be calculated with Equation (3):
L_MAX
PEAK
LOAD(MAX)
I
I
= I
(1+
)(A)
2
(3)
The maximum charge current can be set to 4.5A,
but the real charge current cannot reach this
value due to the input current limit. For typical
applications, the maximum inductor current
ripple is set to 0.5A with a 5V input voltage, and
the inductance is 1.5µH. Select a 1µH inductor
for low-profile operation.
To optimize efficiency, choose an inductor with a
low DC resistance.
Selecting the Input Capacitor
The converter has a discontinuous input current,
and requires a capacitor to supply the AC current
to the converter while maintaining the DC input
voltage. Use low-ESR capacitors for the best
performance.
Ceramic
capacitors
are
recommended,
but
tantalum
or
low-ESR
electrolytic capacitors are sufficient.
Choose
ceramic capacitors with X5R or X7R dielectrics.
Since the input capacitor (CIN) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (4):





=
−
SYS
SYS
CIN
LOAD
IN
IN
VV
I
I
1
VV
(4)
The worst-case condition occurs when VIN =
2VSYS, and ICIN = ISYS / 2. For simplification,
choose an input capacitor with an RMS current
rating that exceeds half of the maximum load
current.
For the MP2733, the RMS current in the input
capacitor is from PMID to GND. This means a
small, high-quality ceramic capacitor (e.g. 10
μF)
should be placed from VPMID to PGND, as close
to the IC as possible. The remaining capacitor
should be placed from VIN to GND.
When using ceramic capacitors, ensure that they
have enough capacitance to provide a sufficient
charge that prevents excessive voltage ripple at
the input.
Selecting the Output Capacitor
In the typical application circuit, the output
capacitor (CSYS) is in parallel with the SYS load.
CSYS absorbs the high-frequency switching ripple
current and smooths the output voltage. Its
impedance must be below that of the system
load to ensure that it properly absorbs the ripple
current.
It is recommended to use a ceramic capacitor
because its lower ESR and smaller size allow the
ESR of the output capacitor to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com