Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 41 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 41 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
41
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG11h: Input Voltage ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VIN[7]
0
N
N
R
7680mV
These bits set the analog-to-
digital conversion (ADC) of
the input voltage. They have
a 0V offset, and a 3.6V to
15.3V range.
6
VIN[6]
0
N
N
R
3840mV
5
VIN[5]
0
N
N
R
1920mV
4
VIN[4]
0
N
N
R
960mV
3
VIN[3]
0
N
N
R
480mV
2
VIN[2]
0
N
N
R
240mV
1
VIN[1]
0
N
N
R
120mV
0
VIN[0]
0
N
N
R
60mV
REG12h: Charge Current ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
ICHG[7]
0
N
N
R
2240mA
These bits set the analog-to-
digital conversion (ADC) of
the charge current. They
have a 0A offset, and a 0A to
5.66A range.
6
ICHG[6]
0
N
N
R
1120mA
5
ICHG[5]
0
N
N
R
560mA
4
ICHG[4]
0
N
N
R
280mA
3
ICHG[3]
0
N
N
R
140mA
2
ICHG[2]
0
N
N
R
70mA
1
ICHG[1]
0
N
N
R
35mA
0
ICHG[0]
0
N
N
R
17.5mA
REG13h: Input Current ADC
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
IIN[7]
0
N
N
R
1702.4mA
These bits set the analog-to-
digital conversion (ADC) of
the input current. They have
a 0A offset, and a 0A to
3.39A range.
6
IIN[6]
0
N
N
R
851.2mA
5
IIN[5]
0
N
N
R
425.6mA
4
IIN[4]
0
N
N
R
212.8mA
3
IIN[3]
0
N
N
R
106.4mA
2
IIN[2]
0
N
N
R
53.2mA
1
IIN[1]
0
N
N
R
26.6mA
0
IIN[0]
0
N
N
R
13.3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com