Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 26 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 26 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 22Page - MPS Industries, Inc. MP2733 Datasheet HTML 23Page - MPS Industries, Inc. MP2733 Datasheet HTML 24Page - MPS Industries, Inc. MP2733 Datasheet HTML 25Page - MPS Industries, Inc. MP2733 Datasheet HTML 26Page - MPS Industries, Inc. MP2733 Datasheet HTML 27Page - MPS Industries, Inc. MP2733 Datasheet HTML 28Page - MPS Industries, Inc. MP2733 Datasheet HTML 29Page - MPS Industries, Inc. MP2733 Datasheet HTML 30Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
26
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
watchdog
timer
by
setting
the
WATCHDOG_TIMER_RESET
bit
(REG08h,
bit[3]) to 1 before the watchdog timer expires. If
the watchdog timer expires, some of the
registers are reset to their default values. See
the I2C Register Map on page 29 to determine
which registers are reset after the watchdog
timer expires.
The following actions reset the watchdog timer
and ensure that the IC recovers from a watchdog
timer fault:
• Writing 1 to the
WATCHDOG_TIMER_RESET bit (REG08h,
bit[3])
• Toggling the
WATCHDOG_TIMER_ENABLE bit (disable
first, then enable)
Thermal Regulation and Thermal Shutdown
The MP2733 continuously monitors the internal
junction temperature to maximize power delivery
and avoid overheating the chip. If the internal
junction
temperature
reaches
the
thermal
regulation threshold (set by the TJ_REG bits),
the MP2733 starts to reduce the charge current
to prevent higher power dissipation. During
thermal regulation, the THERM_STAT bit is set
to 1.
If the junction temperature reaches the thermal
shutdown threshold (TJ_SHDN, about 150°C), the
MP2733 turns off the PWM step-down converter
and the BATTFET.
The THERMAL_SHUTDOWN bit in the fault
register is set to 1, and an INT signal is asserted
to the host. Once the junction temperature drops
below the TJ_SHDN hysteresis threshold, the step-
down converter and BATTFET resume normal
operation.
Battery Standby Mode
If only the battery is connected and VBATT
exceeds the VBATT_UVLO threshold, then the
BATTFET turns on and connects the battery to
the system. The
14mΩ BATTFET minimizes
conduction loss during discharge. The MP2733
’s
quiescent current goes as low as
40μA. The low
on resistance and low quiescent current help
extend battery runtime.
There is an over-current limit designed in the
MP2733 to avoid system over-current conditions
while the battery discharges. If the discharge
current exceeds this limit (IDSCHG_LMT) after a 50
μs
blanking time, the discharge FET turns off and
enters hiccup mode. After a 600ms recovery
time, the discharge FET turns on again. If the
discharge current goes high to reach the internal
fast-off current limit (14A), the BATTFET turns
off immediately and enters hiccup mode.
Battery Disconnection Function
In
applications
where
the
battery
is
not
removable, it is essential to disconnect the
BATTFET for system reset or shipping mode.
The MP2733 provides both system reset mode
and shipping mode for different applications.
The system auto-reset function is selected by
setting SYSRST_SEL to 1. Once the logic at
DISC is pulled low for longer than 8s (set via the
tDISC_L bit (REG0Ah, bits[1:0])) then the
system is disconnected from the battery by
turning off the BATTFET . After a 4s low period
that can be configured by the tDISC_H bit
(REG0Ah, bits[3:2]), the BATTFET automatically
turns on (see Figure 9).
DISC
VBATT
VSYS
tDISC_L
tDISC_H
Figure 9: System Auto-Reset
The MP2733 can enter and exit shipping mode
through the I2C control of the BATTFET_DIS bit
(REG0Ah, bit[5]). Set BATTFET_DIS to 1 to turn
off the BATTFET after a 10s delay. In battery
standby mode, the delay time is configured by
the tSM_DLY bit. Set BATTFET_DIS to 0 to turn the
BATTFET on again.
The MP2733 can also enter and exit shipping
mode
through
the
DISC
pin
by
setting
SYSRST_SEL to 0. If the logic at DISC is pulled
low for longer than the time configured by the
tDISC_L bit, the battery FET turns off and the
device enters shipping mode. If the logic at DISC
is pulled low again for time set by the tDISC_H
bit, the battery FET turns on and the device exits
shipping mode (see Figure 10 on page 27). Once
the device exits shipping mode via the DISC pin,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com