Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 38 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 38 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 34Page - MPS Industries, Inc. MP2733 Datasheet HTML 35Page - MPS Industries, Inc. MP2733 Datasheet HTML 36Page - MPS Industries, Inc. MP2733 Datasheet HTML 37Page - MPS Industries, Inc. MP2733 Datasheet HTML 38Page - MPS Industries, Inc. MP2733 Datasheet HTML 39Page - MPS Industries, Inc. MP2733 Datasheet HTML 40Page - MPS Industries, Inc. MP2733 Datasheet HTML 41Page - MPS Industries, Inc. MP2733 Datasheet HTML 42Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
38
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG0Ch: Status Indicator
Bit
Name
POR
Reset by
REG_RST
Reset
by WTD
R/W
Description
Comment
7
VIN_STAT[2]
0
N
N
R
D+/D- version
000: No input
001: Unknown adapter
010: Apple 1.0A
011: Apple 2.1A
100: Apple 2.4A
101: SDP
110: CDP
111: DCP
These bits select the input
source. They are set to 000
by default. VIN POR resets
VIN_STAT.
6
VIN_STAT[1]
0
N
N
R
5
VIN_STAT[0]
0
N
N
R
4
CHG_STAT[1]
0
N
N
R
00: Not charging
01: Trickle charge
10: Constant current
charge
11: Charge done
These bits are set to 00 by
default.
3
CHG_STAT[0]
0
N
N
R
2
NTC_FLOAT_
STAT
0
N
N
R
0: No NTC float
1: NTC float
This bit is set to 0 by default.
1
THERM_STAT
0
N
N
R
0: Normal
1: Thermal regulation
This bit is set to 0 by default.
0
VSYS_STAT
1
N
N
R
0: In VSYSMIN regulation
(BAT < VSYSMIN)
1: Not in VSYSMIN
regulation (BAT >
VSYSMIN)
This bit is set to 1 by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com