Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 48 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 48 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 43Page - MPS Industries, Inc. MP2733 Datasheet HTML 44Page - MPS Industries, Inc. MP2733 Datasheet HTML 45Page - MPS Industries, Inc. MP2733 Datasheet HTML 46Page - MPS Industries, Inc. MP2733 Datasheet HTML 47Page - MPS Industries, Inc. MP2733 Datasheet HTML 48Page - MPS Industries, Inc. MP2733 Datasheet HTML 49Page - MPS Industries, Inc. MP2733 Datasheet HTML 50Page - MPS Industries, Inc. MP2733 Datasheet HTML 51Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
48
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
L1
1.0µH
C5
22µF
C2
10µF
C1
1µF
C6
22µF
IN
PMID
SW
BST
SYS
CE
SDA
OTG
PGND
VREF
BATT
Li-Ion
Battery
Pack
SCL
NTC
INT
System
Output
DISC
DP
DM
ILIM
STAT
VNTC
AGND
MP2733
Host
USB/
Adapter
Port
VREF
C3
10µF
C4
47nF
Figure 19: Typical Application Circuit
Table 3: Key BOM of Figure 19
Qty
Ref
Value
Description
Package
Manufacturer
1
C1
1µF
Ceramic capacitor, 50V,
X5R or X7R
0603
Any
1
C2
10µF
Ceramic capacitor, 50V,
X5R or X7R
0603
Any
1
C3
10µF
Ceramic capacitor, 16V,
X5R or X7R
0603
Any
1
C4
47nF
Ceramic capacitor, 16V,
X5R or X7R
0603
Any
1
C5
22µF
Ceramic capacitor, 16V,
X5R or X7R
0805
Any
1
C6
22µF
Ceramic capacitor, 16V,
X5R or X7R
0805
Any
1
L1
1.0µH
>9.6A
N/A
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com