Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP2733 Datasheet HTML 1Page - MPS Industries, Inc. MP2733 Datasheet HTML 2Page - MPS Industries, Inc. MP2733 Datasheet HTML 3Page - MPS Industries, Inc. MP2733 Datasheet HTML 4Page - MPS Industries, Inc. MP2733 Datasheet HTML 5Page - MPS Industries, Inc. MP2733 Datasheet HTML 6Page - MPS Industries, Inc. MP2733 Datasheet HTML 7Page - MPS Industries, Inc. MP2733 Datasheet HTML 8Page - MPS Industries, Inc. MP2733 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
MP2733
Wide Input Range, 4.5A,
I2C-Controlled SW Charger with NVDC
Power Path and USB OTG and Enhanced ADC
MP2733 Rev. 1.1
www.MonolithicPower.com
1
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP2733 is a 4.5A, highly integrated switch-
mode battery charger management device for
single-cell Li-ion or Li-polymer batteries. This
device works with narrow voltage DC (NVDC)
system power path management, and is well-
suited for a variety of applications, including
smartphones, tablets, wireless cameras, and
other portable devices. Its low-impedance power
path
optimizes
efficiency,
reduces
battery
charging time, and extends battery life. The I2C
interface allows the device to be flexibly
controlled
with
configurable
charging
and
system settings.
The MP2733 supports a wide range of input
sources, including standard USB host ports and
high-powered wall adapters with fast charge
capabilities. The MP2733 provides USB input
type detection via the DP/DM pins.
The device supports USB On-the-Go (OTG)
operation by supplying 5V on the input bus, with
an output current limit up to 3A.
The MP2733 initiates and completes a charging
cycle without software control. It automatically
detects the battery voltage and charges the
battery
in
different
stages.
Charging
automatically terminates when a full charge is
detected. When the charged battery drops below
the
recharge
threshold,
the
charger
automatically begins another charging cycle.
The charger provides various safety features for
battery
charging
and
system
operations,
including
a
charging
safety
timer,
battery
temperature
monitoring,
and
over-voltage
protection (OVP), and over-current protection
(OCP). If a fault occurs, the charger asserts an
INT signal to the host. The device provides
BATTFET disable control to enter shipping mode,
as well as system reset functionality via the DISC
pin.
The
MP2733
is
available
in
a
QFN-26
(3.5mmx3.5mm) package.
FEATURES
• 3.7V to 16V Operating Input Voltage Range
• Up to 22V Sustainable Voltage
• High-Efficiency, 4.5A, 1.35MHz Buck
Charger with Up to 92% Charge Efficiency
with 3A Charge Current:
o
Configurable D+/D- for Flexible Fast
Charge Protocol Support
• USB OTG with 4.8V to 5.5V Adjustable
Output: Up to 3A Output, Up to 93%
Efficiency with 1.5A Output
• NVDC Power Path Management
o
Instant-On Works with No Battery or
Deeply Discharged Battery
o
Ideal Diode Operation in Battery
Supplement Mode
• High Battery Discharge Efficiency with
14mΩ BATTFET Up to 8.5A
• I2C Interface for Flexible System Parameter
Setting and Status Reporting
• Fully Integrated MOSFETs, Current Sensing
• Dedicated DISC Pin to Control Shipping
Mode and System Reset
• 13µA Low Battery Leakage Current in
Shipping Mode
• Integrated ADC Monitors Input Voltage and
Current, Battery Voltage, Charge Current,
System Voltage, and Battery Temperature
• Charging Status Indicator
• Safety Features: Configurable JEITA for
Battery Temp Protection in Charge Mode,
Battery Charging Safety Timer, Thermal
Regulation and Shutdown, Watchdog
Monitoring I2C, and Input/System OVP
• Available in a QFN-26 (3.5mmx3.5mm)
Package
APPLICATIONS
•
Tablet PCs
•
Smartphones
•
Wireless Cameras
•
Other Portable Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP2733

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735DQG MPS-MP2735DQG Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735DQG MPS-MP2735DQG Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2736 MPS-MP2736 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2736DQG MPS-MP2736DQG Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results

Similar Description - MP2733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
Monolithic Power System...
MP2624 MPS-MP2624 Datasheet
1Mb / 45P
I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
MP2624A MPS-MP2624A Datasheet
1Mb / 45P
4.5A, I2C-Controlled, Single-Cell USB/Adaptor Charger with Narrow VDC Power-Path Management USB OTG and SYS Reset Function
logo
Texas Instruments
BQ25620 TI-BQ25620 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25620 TI-BQ25620_V01 Datasheet
3Mb / 84P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
REVISED OCTOBER 2022
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25638 TI-BQ25638 Datasheet
776Kb / 12P
BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com