Electronic Components Datasheet Search
  English  ▼

X  

MP2733 Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MP2733
Description  Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2733 Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MP2733 Datasheet HTML 11Page - MPS Industries, Inc. MP2733 Datasheet HTML 12Page - MPS Industries, Inc. MP2733 Datasheet HTML 13Page - MPS Industries, Inc. MP2733 Datasheet HTML 14Page - MPS Industries, Inc. MP2733 Datasheet HTML 15Page - MPS Industries, Inc. MP2733 Datasheet HTML 16Page - MPS Industries, Inc. MP2733 Datasheet HTML 17Page - MPS Industries, Inc. MP2733 Datasheet HTML 18Page - MPS Industries, Inc. MP2733 Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
MP2733
– 4.5A SW CHARGER WITH I2C CONTROL, NVDC POWER PATH, USB OTG
MP2733 Rev. 1.1
www.MonolithicPower.com
15
5/18/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5.0V, VBATT = full range, I2C-controlled, ICHG = 1.84A, IIN_LIM = 3.0A, VIN_MIN = 4.3V, L = 1.0μH
(DCR =
14.9mΩ), TA = 25°C, unless otherwise noted.
Battery Supplement Mode
VIN = 5V, VBATT = 3.8V, ISYS = 4.5A
Constant Voltage Charge
VIN = 5V, VBATT = 4.19V, ISYS = 0A
CH1: VSYS
CH3: VSW
CH2: VBATT
CH4: IBATT
CH3: VSW
CH1: VSYS
CH2: VBATT
CH4: IBATT
Input Current Limit
VIN = 5V, VBATT = 3.8V, IIN_LIM = 1800mA
Input Voltage Limit
VIN = 5V (2A), VBATT = 3.3V, VIN_MIN = 4.6V
CH2: IIN
CH3: ISYS
CH4: IBATT
CH1: VSYS
CH1: VSYS
CH2: ISYS
CH3: VIN
CH4: IBATT
Start-Up/Shutdown
VIN = 5V, IIN_LIM = 500mA, VBATT = 3.8V,
ISYS = 2.5A
Start-Up/Shutdown
VIN = 5V, IIN_LIM = 500mA, VBATT = 3.3V,
ISYS = 0.5A
CH2: VIN
CH3: VSW
CH1: VSYS
CH4: IBATT
CH2: VIN
CH3: VSW
CH1: VSYS
CH4: IBATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com