Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 4 Page - Texas Instruments

  LP5813 Datasheet HTML 1Page - Texas Instruments LP5813 Datasheet HTML 2Page - Texas Instruments LP5813 Datasheet HTML 3Page - Texas Instruments LP5813 Datasheet HTML 4Page - Texas Instruments LP5813 Datasheet HTML 5Page - Texas Instruments LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
6 Pin Configuration and Functions
A
B
C
D
1
2
3
EN
VIN
SW
OUT0
GND
VOUT
OUT1
SYNC
SCL
OUT2
OUT3
SDA
Boost
LED
Driver
Digital
Figure 6-1. LP5813 YBH Package 12-Pin DSBGA Top View
2
VOUT
3
GND
4
SYNC
5
SCL
6
SDA
12
VIN
11
EN
10
OUT0
9
OUT1
8
OUT2
7
OUT3
SW
GND
1
Figure 6-2. LP5813 DRR Package 12-Pin WSON Top View
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
YBH
DRR
EN
A1
11
I
Enable signal for the integrated boost converter.
VIN
A2
12
P
Power supply of the boost converter.
SW
A3
1
P
Switch pin of the integrated boost converter, which connects to the drain of low-side power
FET and source of high-side rectifier FET. Connecting the inductor to this pin.
OUT0
B1
10
O
Output 0 which contains current sink and scan FET. If not used, this pin must be floating.
GND
B2
3
G
Ground. This pin must connect to the ground plane.
VOUT
B3
2
P
Boost converter output and power supply of the LED driver blocks. Connect to external
power supply directly if need to bypass the boost converter.
OUT1
C1
9
O
Output 1 which contains current sink and scan FET. If not used, this pin must be floating.
SYNC
C2
4
I/O
Clock synchronous among multiple devices. If not used, this pin can connect to ground to
save power.
SCL
C3
5
I
I2C serial interface clock input.
OUT2
D1
8
O
Output 2 which contains current sink and scan FET. If not used, this pin must be floating.
OUT3
D2
7
O
Output 3 which contains current sink and scan FET. If not used, this pin must be floating.
SDA
D3
6
I/O
I2C serial interface data input/output.
(1) G: Ground Pin; P: Power Pin; I: Input Pin; I/O: Input/Output Pin; O: Output Pin.
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com