Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 4Page - Texas Instruments LP5813 Datasheet HTML 5Page - Texas Instruments LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, VCC = 5 V, CIN = 1 μF, COUT = 1 μF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD
Thermal shutdown threshold for LED
driver part
TJ rising
150
°C
TSD
Thermal shutdown threshold for Boost
converter part
TJ rising
155
°C
TSD_HYS
Thermal shutdown hysteresis
TJ falling below TSD
15
°C
VLOD_TH
LED open detection threshold
Current set to 25.5 mA (max_current = 0,
manual_dc_x = FFh)
70
90
110
mV
VLOD_TH
LED open detection threshold
Current set to 51 mA (max_current = 1,
manual_dc_x = FFh)
150
180
220
mV
VLSD_TH
LED short detection threshold
lsd_th = 00h
0.32 ×
VOUT
0.35 ×
VOUT
0.38 ×
VOUT
V
lsd_th = 01h
0.42 ×
VOUT
0.45 ×
VOUT
0.48 ×
VOUT
V
lsd_th = 10h
0.52 ×
VOUT
0.55 ×
VOUT
0.58 ×
VOUT
V
lsd_th = 11h
0.62 ×
VOUT
0.65 ×
VOUT
0.68 ×
VOUT
V
7.6 Timing Requirements
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, VCC = 5 V, CIN = 1 μF, COUT = 1 μF.
I2C Timing Requirements
MIN
NOM
MAX
UNIT
Standard-mode
fSCL
SCL clock frequency
0
100
kHz
tHD_STA
Hold time (repeated) START condition. After this period, the first clock
pulse is generated.
4
µs
tLOW
LOW period of the SCL clock
4.7
µs
tHIGH
HIGH period of the SCL clock
4
µs
tSU_STA
Set-up time for a repeated START condition
4.7
µs
tHD_DAT
Data hold time
0
µs
tSU_DAT
Data set-up time
250
ns
tr
Rise time of both SDA and SCL signals
1000
ns
tf
Fall time of both SDA and SCL signals
300
ns
tSU_STO
Set-up time for STOP condition
4
µs
tBUF
Bus free time between a STOP and START condition
4.7
µs
Cb
Capacitive load for each bus line
400
pF
Fast-mode
fSCL
SCL clock frequency
0
400
kHz
tHD_STA
Hold time (repeated) START condition. After this period, the first clock
pulse is generated.
0.6
µs
tLOW
LOW period of the SCL clock
1.3
µs
tHIGH
HIGH period of the SCL clock
0.6
µs
tSU_STA
Set-up time for a repeated START condition
0.6
µs
tHD_DAT
Data hold time
0
µs
tSU_DAT
Data set-up time
100
ns
tr
Rise time of both SDA and SCL signals
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
tSU_STO
Set-up time for STOP condition
0.6
µs
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com