Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments LP5813 Datasheet HTML 13Page - Texas Instruments LP5813 Datasheet HTML 14Page - Texas Instruments LP5813 Datasheet HTML 15Page - Texas Instruments LP5813 Datasheet HTML 16Page - Texas Instruments LP5813 Datasheet HTML 17Page - Texas Instruments LP5813 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
9.3.1.2 Enable and Soft Start
When the input voltage is above the UVLO rising threshold 1.8 V and the EN pin is pulled to a voltage above
1.2 V, the boost of LP5813 is enabled and starts up. At the beginning, the LP5813 charges the boost output
capacitor with a constant current when the output voltage is below 0.4 V. When the output voltage is charged
above 0.4 V, the LP5813 has capability to drive 200 mA load. After the output voltage reaches the input voltage,
the boost of LP5813 starts switching, and the output voltage continually ramps up to default voltage 3 V. The
typical start-up time is 450 μs from EN pulled high to output reaching default voltage 3 V, at the application that
input voltage is 2.5 V, output effective capacitance is 10 μF, and no load. When the EN is below 0.42 V, the
internal enable comparator turns the device into shutdown mode. In the shutdown mode, the device is entirely
turned off and the output is disconnected from input power supply.
9.3.1.3 Switching Frequency
The LP5813 switches at quasi-constant 1-MHz frequency when the input voltage is above 1.5 V. When the input
voltage is lower than 1.5 V, the switching frequency is reduced gradually to 0.5 MHz, which improves the boost
efficiency and gets higher boost ratio. When the input voltage is below 1 V, the switching frequency is fixed at
quasi-constant 0.5 MHz.
9.3.1.4 Current Limit Operation
The LP5813 uses a valley current limit sensing scheme. The inductor current is detected during the switching
off-time, by sensing the voltage across the synchronous rectifier.
When the load current increases, such that the inductor current is above the current limit within the whole
switching cycle , the off-time increases to discharge the inductor current. The current decreases below the limit
before the next on-time. When the current limit is reached, the output voltage decreases if the load current
continually increases.
The maximum continuous output current (IOUT(CL)), before entering current limit (CL) operation, can be defined
by Equation 1.
IOUTCL = 1−D × ILIM+12∆ILP−P
(1)
where
• D is the duty cycle
• ΔIL(P-P) is the inductor ripple current
The duty cycle can be estimated by Equation 2.
D=1−VIN×ηVOUT
(2)
where
• VOUT is the output voltage of the boost converter
• VIN is the input voltage of the boost converter
• η is the efficiency of the converter, use 90% for most applications
The peak-to-peak inductor ripple current is calculated by Equation 3.
∆ILP−P =VIN×D
L×fSW
(3)
where
• L is the inductance value of the inductor
• fSW is the switching frequency
• D is the duty cycle
• VIN is the input voltage of the boost converter
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com