Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 18Page - Texas Instruments LP5813 Datasheet HTML 19Page - Texas Instruments LP5813 Datasheet HTML 20Page - Texas Instruments LP5813 Datasheet HTML 21Page - Texas Instruments LP5813 Datasheet HTML 22Page - Texas Instruments LP5813 Datasheet HTML 23Page - Texas Instruments LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments LP5813 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Table 9-3. Dot Current (DC) bits setting (continued)
8-bits Dot Current (DC) Register
Ratio of IOUT_MAX
Binary
Decimal
---
---
---
1000 0000 (default)
128 (default)
50.2% (default)
---
---
---
1111 1101
253
99.2%
1111 1110
254
99.6%
1111 1111
255
100%
By configuring the MC and DC, the peak current of each current sink can be calculated as Equation 6:
IOUT mA =IOUT_max×DC255
(6)
The average current of each LED in TCM drive mode and mix drive mode is shown as Equation 7:
IAVE mA =IOUTN×DC255×DPWM
(7)
• N is the total scan number setting.
• DPWM is the PWM duty.
9.3.4 PWM Dimming
The LP5813 supports 8-bit PWM dimming with 24 kHz or 12 kHz frequency, which is configured by 'PWM_Fre'
bit in Dev_config_1 register. An internal 6 MHz oscillator is used to generate the PWM clock. SYNC pin can be
configured as PWM clock input or output by configure 'vsync_out_en' bit in Dev_Config_11 register. If multiple
LP5813 are used in the system with autonomous animation engine control, all devices can refer the same
clock signal, which comes from one of LP5813 or external controller, to avoid animation mismatch in long time
operation.
Each LED can be configured into 3 different PWM alignment phases: Forward, Middle, and Backward. The
alignment phase of each LED is set by 'phase_align' bits in Dev_Config_7 to Dev_Config_10 registers. By
turning on the LEDs in different phase, the peak current load from boost or the system power supply is greatly
decreased. The input current ripple and ceramic-capacitor audible ringing can also be reduced. Figure 9-14
shows the PWM alignment phases. In the forward alignment, the rising edge of PWM pulse is fixed at the
beginning of PWM period. In the middle alignment, the middle point of PWM pulse is fixed at the middle of PWM
period, while the pulse spreads to both directions. In the backward alignment, the falling edge of PWM pulse is
fixed at the end of PWM period.
Forward
Alignment
Middle
Alignment
Backward
Alignment
PWM Period
1/fPWM
t
ON
ON
ON
Half PWM Period
1/2fPWM
Figure 9-14. PWM Alignment Scheme
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com