Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 27 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 23Page - Texas Instruments LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments LP5813 Datasheet HTML 26Page - Texas Instruments LP5813 Datasheet HTML 27Page - Texas Instruments LP5813 Datasheet HTML 28Page - Texas Instruments LP5813 Datasheet HTML 29Page - Texas Instruments LP5813 Datasheet HTML 30Page - Texas Instruments LP5813 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
9.5 Programming
The LP5813 is compatible with I2C standard specification. The device supports standard mode (100-kHz
maximum), fast mode (400-kHz maximum), and fast plus mode (1-MHz maximum). The device has 4 different
chip address versions, which allows connecting up to four parallel devices in one I2C bus.
I2C Data Transactions
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when clock signal is LOW. START and STOP conditions classify the beginning
and the end of the data transfer session. A START condition is defined as the SDA signal transitioning from
HIGH to LOW while SCL line is HIGH. A STOP condition is defined as the SDA transitioning from LOW to HIGH
while SCL is HIGH. The bus leader always generates START and STOP conditions. The bus is considered to
be busy after a START condition and free after a STOP condition. During data transmission, the bus leader can
generate repeated START conditions. First START and repeated START conditions are functionally equivalent.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the leader. The leader releases the SDA line (HIGH) during the acknowledge clock pulse. The device pulls
down the SDA line during the 9th clock pulse, signifying an acknowledge. The device generates an acknowledge
after each byte has been received.
There is one exception to the acknowledge after every byte rule. When the leader is the receiver, the receiver
must indicate to the transmitter an end of data by not acknowledging (negative acknowledge) the last byte
clocked out of the follower. This negative acknowledge still includes the acknowledge clock pulse (generated by
the leader), but the SDA line is not pulled down.
I2C Data Format
The address and data bits are transmitted MSB first with 8-bits length format in each cycle. Each transmission
is started with Address Byte 1, which are divided into 5 bits of the chip address, 2 higher bits of the register
address, and 1 read/write bit. The other 8 lower bits of register address are put in Address Byte 2.The device
supports both independent mode and broadcast mode. The auto-increment feature allows writing / reading
several consecutive registers within one transmission. If not consecutive, a new transmission must be started.
The Bit 4 and Bit 3 are determined by the device, which can refer to Device Comparison.
Table 9-5. I2C Data Format
Address Byte1
Chip Address
Register Address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Independent
1
0
1
Bit 4
Bit 3
9th bit
8th bit
R: 1 W: 0
Broadcast
1
1
0
1
1
Address Byte2
Register Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
7th bit
6th bit
5th bit
4th bit
3rd bit
2nd bit
1st bit
0 bit
SCL
SDA
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
8
9
1
CA4
CA3
CA2
CA1
CA0
RA9
RA8
W
ACK
RA7
RA6
RA0
ACK
D7
D0
ACK
D7
Address Byte 1
Address Byte 2
RA5
RA4
RA3
RA2
RA1
8
9
D0
ACK
Start
Stop
Data Byte 1
Data Byte 2
Figure 9-22. I2C Write Timming
SCL
SDA
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
8
9
1
CA4
CA3
CA2
CA1
CA0
RA9
RA8
W
ACK
RA7
RA6
RA0
ACK
D7
D0
ACK
D7
Address Byte 1
Address Byte 2
RA5
RA4
RA3
RA2
RA1
8
9
D0
NACK
Start
Stop
Data Byte 2
10
1
2
3
4
5
6
7
8
9
CA4
CA3
CA2
CA1
CA0
RA9
RA8
R
ACK
Address Byte 1
Restart
Data Byte 1
Figure 9-23. I2C Read Timing
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com