Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 28 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments LP5813 Datasheet HTML 26Page - Texas Instruments LP5813 Datasheet HTML 27Page - Texas Instruments LP5813 Datasheet HTML 28Page - Texas Instruments LP5813 Datasheet HTML 29Page - Texas Instruments LP5813 Datasheet HTML 30Page - Texas Instruments LP5813 Datasheet HTML 31Page - Texas Instruments LP5813 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
9.6 Register Map Table
This section provides a summary of the register maps.
Table 9-6. Register Section/Block Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
Read
C
to Clear
R-0
R
Read
-0
Returns 0
Write Type
W
W
Write
W1C
W
W
1C
1 to clear
Reset or Default Value
-n
Value after reset or the default value
Register Acronym
Address Type D7
D6
D5
D4
D3
D2
D1
D0
Default
Device_Enable Register
Chip_en
000h
R/W
Reserved
chip_en
00h
Config Registers
Dev_Config_0
001h
R/W
Reserved
boost_vout
max_curr
ent
00h
Dev_Config_1
002h
R/W
pwm_fre
led_mode
mix_sel_led
00h
Dev_Config_2
003h
R/W
scan_order_3
scan_order_2
scan_order_1
scan_order_0
E4h
Dev_Config_3
004h
R/W
auto_en_
b0
auto_en_
a2
auto_en_
a1
auto_en_
a0
auto_en_
3
auto_en_
2
auto_en_
1
auto_en_
0
00h
Dev_Config_4
005h
R/W
auto_en_
d2
auto_en_
d1
auto_en_
d0
auto_en_
c2
auto_en_
c1
auto_en_
c0
auto_en_
b2
auto_en_
b1
00h
Dev_Config_5
006h
R/W
exp_en_b
0
exp_en_a
2
exp_en_a
1
exp_en_a
0
exp_en_3 exp_en_2 exp_en_1 exp_en_0 00h
Dev_Config_6
007h
R/W
exp_en_d
2
exp_en_d
1
exp_en_d
0
exp_en_c
2
exp_en_c
1
exp_en_c
0
exp_en_b
2
exp_en_b
1
00h
Dev_Config_7
008h
R/W
phase_align_3
phase_align_2
phase_align_1
phase_align_0
00h
Dev_Config_8
009h
R/W
phase_align_b0
phase_align_a2
phase_align_a1
phase_align_a0
00h
Dev_Config_9
00Ah
R/W
phase_align_c1
phase_align_c0
phase_align_b2
phase_align_b1
00h
Dev_Config_10
00Bh
R/W
phase_align_d2
phase_align_d1
phase_align_d0
phase_align_c2
00h
Dev_Config_11
00Ch
R/W
Reserved
vsync_ou
t_en
blank_time
00h
Dev_Config_12
00Dh
R/W
vmid_sel
clamp_se
l
clamp_di
s
lod_actio
n
lsd_actio
n
lsd_threshold
08h
Command Registers
CMD_Update
010h
W1C update_command
00h
CMD_Start
011h
W1C start_command
00h
CMD_Stop
012h
W1C stop_command
00h
CMD_Pause
013h
W1C pause_command
00h
CMD_Continue
014h
W1C continue_command
00h
led_enable Registers
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com