Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 44 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 40Page - Texas Instruments LP5813 Datasheet HTML 41Page - Texas Instruments LP5813 Datasheet HTML 42Page - Texas Instruments LP5813 Datasheet HTML 43Page - Texas Instruments LP5813 Datasheet HTML 44Page - Texas Instruments LP5813 Datasheet HTML 45Page - Texas Instruments LP5813 Datasheet HTML 46Page - Texas Instruments LP5813 Datasheet HTML 47Page - Texas Instruments LP5813 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Register Acronym
Address Type D7
D6
D5
D4
D3
D2
D1
D0
Default
LED_D2_AEU2_PW
M_2
211h
R/W
led_d2_aeu2_pwm2
00h
LED_D2_AEU2_PW
M_3
212h
R/W
led_d2_aeu2_pwm3
00h
LED_D2_AEU2_PW
M_4
213h
R/W
led_d2_aeu2_pwm4
00h
LED_D2_AEU2_PW
M_5
214h
R/W
led_d2_aeu2_pwm5
00h
LED_D2_AEU2_T12 215h
R/W
led_d2_aeu2_t2
led_d2_aeu2_t1
00h
LED_D2_AEU2_T34 216h
R/W
led_d2_aeu2_t4
led_d2_aeu2_t3
00h
LED_D2_AEU2_Pla
yback
217h
R/W
Reserved
led_d2_aeu2_pt
00h
LED_D2_AEU3_PW
M_1
218h
R/W
led_d2_aeu3_pwm1
00h
LED_D2_AEU3_PW
M_2
219h
R/W
led_d2_aeu3_pwm2
00h
LED_D2_AEU3_PW
M_3
21Ah
R/W
led_d2_aeu3_pwm3
00h
LED_D2_AEU3_PW
M_4
21Bh
R/W
led_d2_aeu3_pwm4
00h
LED_D2_AEU3_PW
M_5
21Ch
R/W
led_d2_aeu3_pwm5
00h
LED_D2_AEU3_T12 21Dh
R/W
led_d2_aeu3_t2
led_d2_aeu3_t1
00h
LED_D2_AEU3_T34 21Eh
R/W
led_d2_aeu3_t4
led_d2_aeu3_t3
00h
LED_D2_AEU3_Pla
yback
21Fh
R/W
Reserved
led_d2_aeu3_pt
00h
Flag Registers
TSD_Config_Status 300h
R
Reserved
tsd_Statu
s
config_er
r_status
00h
LOD_Status_0
301h
R
lod_statu
s_b0
lod_statu
s_a2
lod_statu
s_a1
lod_statu
s_a0
lod_statu
s_3
lod_statu
s_2
lod_statu
s_1
lod_statu
s_0
00h
LOD_Status_1
302h
R
lod_statu
s_d0
lod_statu
s_d1
lod_statu
s_d0
lod_statu
s_c2
lod_statu
s_c1
lod_statu
s_c0
lod_statu
s_b2
lod_statu
s_b1
00h
LSD_Status_0
303h
R
lsd_statu
s_b0
lsd_statu
s_a2
lsd_statu
s_a1
lsd_statu
s_a0
lsd_statu
s_3
lsd_statu
s_2
lsd_statu
s_1
lsd_statu
s_0
00h
LSD_Status_1
304h
R
lsd_statu
s_d0
lsd_statu
s_d1
lsd_statu
s_d0
lsd_statu
s_c2
lsd_statu
s_c1
lsd_statu
s_c0
lsd_statu
s_b2
lsd_statu
s_b1
00h
Auto_PWM_0
305h
R
pwm_auto_0
00h
Auto_PWM_1
306h
R
pwm_auto_1
00h
Auto_PWM_2
307h
R
pwm_auto_2
00h
Auto_PWM_3
308h
R
pwm_auto_3
00h
Auto_PWM_4
309h
R
pwm_auto_a0
00h
Auto_PWM_5
30Ah
R
pwm_auto_a1
00h
Auto_PWM_6
30Bh
R
pwm_auto_a2
00h
Auto_PWM_7
30Ch
R
pwm_auto_b0
00h
Auto_PWM_8
30Dh
R
pwm_auto_b1
00h
Auto_PWM_9
30Eh
R
pwm_auto_b2
00h
Auto_PWM_10
30Fh
R
pwm_auto_c0
00h
Auto_PWM_11
310h
R
pwm_auto_c1
00h
Auto_PWM_12
311h
R
pwm_auto_c2
00h
Auto_PWM_13
312h
R
pwm_auto_d0
00h
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com