Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 25 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 21Page - Texas Instruments LP5813 Datasheet HTML 22Page - Texas Instruments LP5813 Datasheet HTML 23Page - Texas Instruments LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments LP5813 Datasheet HTML 26Page - Texas Instruments LP5813 Datasheet HTML 27Page - Texas Instruments LP5813 Datasheet HTML 28Page - Texas Instruments LP5813 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
in Figure 9-20. Only AEU2 is enabled in the pattern, so that the brightness of APU1 uses the PWM1 value of
AEU2, and the brightness of APU2 uses PWM5 value of AEU2.
PWM5
Te
AEU
Ts
APU2
APU1
PWM1
Figure 9-20. APU example
9.3.6 Protections and Diagnostics
9.3.6.1 Overvoltage Protection
The boost of LP5813 has an output overvoltage protection (OVP) to protect the device. When the output voltage
is above 5.7 V, the boost stops switching. Once the output voltage falls 0.1 V below the OVP threshold, the boost
resumes operating again.
9.3.6.2 Output Short-to-Ground Protection
The boost of LP5813 starts to limit the boost current when the boost output voltage is below 1.8 V. The lower the
boost output voltage reaches, the smaller the output current decreases. When the VOUT pin is short to ground
and the boost output voltage is less than 0.4 V, the output current is limited to approximately 350 mA. Once the
short circuit is released, the LP5813 goes through the soft start-up again to the regulated output voltage.
9.3.6.3 LED Open Detections
The LP5813 integrates LED open detection (LOD) for the fault caused by any open LED. The threshold for LOD
is 90 mV when max current is set as 25.5 mA, and 180 mV when max current is set as 51 mA. To have enough
detection time, LOD can only be performed when the PWM setting of this LED is above 25. If the voltage on the
cathode of this LED is lower than the LOD threshold in continuously 3 cycles, LED open of this LED is reported
to the corresponding LOD_status register.
The LOD flags can be cleared by writing 1h to 'lod_clear' bit in Fault_Clear register. If the LED open status is
removed, the related 'lod_status' bit is set to 0 automatically.
The 'lod_action' bit in Dev_config_12 register can determine the action once open fault is detected. When the
'lod_action' bit is set to 1h, the dot where LED open happens is turned off to avoid any unpredictable issue.
When the 'lod_action' bit is 0, no additional action is taken after LOD is detected. LED open fault detection and
action is only executed in NORMAL state.
9.3.6.4 LED Short Detections
The LP5813 integrates LED short detection (LSD) for the fault caused by any short LED. The threshold of LSD is
able to configure from (0.35 × VOUT) V to (0.65 × VOUT) V by configuring lsd_threshold in Dev_config_12 register.
To have enough detection time, LSD can only be performed when the PWM setting of this LED is above 25. If
the voltage on the cathode of this LED is higher than the LSD threshold in continuously 3 cycles, LED short of
this LED is reported to the corresponding LSD_status register.
The LSD flags can be cleared by writing 1h to lsd_clear in Fault_CLR register. If the LED short status is
removed, the related lsd_status bit is set to 0 automatically.
The 'lsd_action' bit in Dev_config_12 register can determine the reaction once open fault is detected. When the
'lsd_action' bit is set to 1h, all LEDs are turned off which is called one fails all fail (OFAF) action, to prevent
potential damage caused by the short issue. The device enters to STANDBY state after sending 'lsd_clear'
command. When the 'lsd_action' bit is 0, no additional action is taken after LSD is detected. LSD detecion is only
executed in NORMAL state.
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com