Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 5 Page - Texas Instruments

  LP5813 Datasheet HTML 1Page - Texas Instruments LP5813 Datasheet HTML 2Page - Texas Instruments LP5813 Datasheet HTML 3Page - Texas Instruments LP5813 Datasheet HTML 4Page - Texas Instruments LP5813 Datasheet HTML 5Page - Texas Instruments LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage range
at terminals
VIN, SW, VOUT, VCC
–0.3
6
V
SW spike at 10 ns
–0.7
8
V
SW spike at 1 ns
–0.7
9
V
OUT0, OUT1, OUT2, OUT3
–0.3
6
V
EN, SCL, SDA, SYNC
–0.3
6
V
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
0.5
5.5
V
VOUT
Output voltage setting range
3
5.5
V
L
Effective inductance range
0.37
1
2.9
μH
CIN
Effective input capacitance range
1
4.7
μF
COUT
Effective output capacitance range
4
10
1000
μF
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
LP5813
UNIT
YBH (DSBGA)
12 PINS
RθJA
Junction-to-ambient thermal resistance
92.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
25.9
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
25.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com