Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments LP5813 Datasheet HTML 13Page - Texas Instruments LP5813 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
8 Typical Characteristics
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, CIN = 1 μF, COUT = 1 μF
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VIN falling
VIN rising
Figure 8-1. VIN UVLO Rising and Falling Thresholds
Figure 8-2. VOUT OVP Thresholds
Current Sink Voltage (V)
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.005
0.01
0.015
0.02
0.025
0.03
DC = 1
DC = 63
DC = 127
DC = 191
DC = 255
Figure 8-3. Current Sinks Voltage vs Current(MC=0)
Current Sink Voltage (V)
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.01
0.02
0.03
0.04
0.05
0.06
DC = 1
DC = 63
DC = 127
DC = 191
DC = 255
Figure 8-4. Current Sinks Voltage vs Current(MC=1)
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
75
100
125
150
175
200
225
250
IOUT = 25.5mA
IOUT = 51mA
Figure 8-5. VSAT vs Temperature
Figure 8-6. Channel-to-Channel Current Accuracy vs
Temperature(MC=0)
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com