Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 20Page - Texas Instruments LP5813 Datasheet HTML 21Page - Texas Instruments LP5813 Datasheet HTML 22Page - Texas Instruments LP5813 Datasheet HTML 23Page - Texas Instruments LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments LP5813 Datasheet HTML 26Page - Texas Instruments LP5813 Datasheet HTML 27Page - Texas Instruments LP5813 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
9.3.5.2 Sloper
Sloper is the basic element to achieve autonomous fade-in and fade-out animations. It can achieve 256 steps
fade-in or fade-out effects from 'PWM_Start' to 'PWM_End' within a target time period T as Figure 9-17. The 8-bit
PWM steps, which is configurable in animation pattern PWM setting registers, help to achieve extremely smooth
effects. Exponential dimming curve can also be supported in the sloper.
T
PWM_Start
PWM_End
Figure 9-17. Sloper curve demonstration
The programable time T is selectable from 0 to around 8 s with 16 levels shown in Table 9-4.
Table 9-4. Programable time options
Register value
0h
1h
2h
3h
4h
5h
6h
7h
8h
9h
Ah
Bh
Ch
Dh
Eh
Fh
Time (Typ.)
0 s
0.1 s
0.2 s 0.35 s 0.55 s 0.8 s
1 s
1.5 s
2 s
2.5 s
3 s
4 s
5 s
6 s
7 s
8 s
9.3.5.3 Animation Engine Unit (AEU)
The AEU is the most important unit to achieve autonomous animation effects. One AEU is formed by 4 slopers.
There are 5 PWM values and 4 time values can be configured in the AEU. Each PWMx (x = 1, 2,…, 5) can be
arbitrarily programmed from 0 to 255, The Tx ( x = 1, 2, 3, 4) is selectable from 0 to 8 s with 16 levels referring to
Table 9-4. If two adjacent PWM values are equal, the brightness keeps unchange within the time setting. When
a Tx is set to 0, this sloper is skipped. To avoid flicker happens due to PWM value suddenly changes, the begin
and end PWM of this sloper need to be the same.
Typical breathing effect example is illustrated as Figure 9-18.
T1
T2
T3
T4
PWM1
PWM2
PWM3
PWM4
PWM5
Figure 9-18. Animation engine unit - Example 1
Advanced breathing effect example is shown in Figure 9-19. 2 different fading speeds are set in the PWM rising
and falling phases, to achieve a complex animation.
T1
T2
T3
T4
PWM1
PWM2
PWM3
PWM4
PWM5
Figure 9-19. Animation engine unit - Example 2
9.3.5.4 Animation Pause Unit (APU)
The APU is defined as the pausing time at the beginning and the end of the animation pattern. The APU
contains 1 time value which is selectable from 0 to 8 s with 16 levels referring to Table 9-4. If the value is set as
0, the APU is skipped. The brightness of APU1 uses the PWM1 value of the AEU following the APU1, while the
brightness of APU2 uses the PWM5 value of the AEU in front of APU2. One animation pattern example is shown
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com