Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments LP5813 Datasheet HTML 13Page - Texas Instruments LP5813 Datasheet HTML 14Page - Texas Instruments LP5813 Datasheet HTML 15Page - Texas Instruments LP5813 Datasheet HTML 16Page - Texas Instruments LP5813 Datasheet HTML 17Page - Texas Instruments LP5813 Datasheet HTML 18Page - Texas Instruments LP5813 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
9.3.1.5 Boost PWM Mode
The LP5813 uses a quasi-constant 1.0-MHz frequency pulse width modulation (PWM) at moderate to heavy
load current. Based on the input voltage to output voltage ratio, a circuit predicts the required on-time. At the
beginning of the switching cycle, the main switching low-side FET is turned on. The input voltage is applied
across the inductor and the inductor current ramps up. In this phase, the output capacitor is discharged by the
load current. When the on-time expires, the low-side FET is turned off, and the high-side rectifier FET is turned
on. The inductor transfers its stored energy to replenish the output capacitor and supplies the load. The inductor
current declines because the output voltage is higher than the input voltage. When the inductor current hits the
valley current threshold determined by the output of the error amplifier, the next switching cycle starts again.
The LP5813 has a built-in compensation circuit that can accommodate a wide range of input voltage, output
voltage, inductor value, and output capacitor value for stable operation.
9.3.1.6 Boost PFM Mode
The LP5813 works at PFM to improve efficiency at light load. When the load current decreases, the inductor
valley current set by the output of the error amplifier no longer regulates the output voltage. When the inductor
valley current hits the low limit, the output voltage exceeds the setting voltage as the load current decreases
further. When the feedback voltage hits the PFM reference voltage (0.6 V typical), the LP5813 works at PFM.
When the feedback voltage rises and hits the PFM reference voltage, the device continues switching for several
cycles because of the delay time of the internal comparator — then it stops switching. The load is supplied by
the output capacitor, and the output voltage declines. When the feedback voltage falls below the PFM reference
voltage, after the delay time of the comparator, the device starts switching again to ramp up the output voltage.
Figure 9-2 showes the waveform of voltage when the device works at PWM and PFM.
Output
Voltage
VOUT_NOM
1.01 x VOUT_NOM
PFM mode at light load
PWM mode at heavy load
Figure 9-2. Output Voltage in PWM Mode and PFM
9.3.1.7 Pass-Through Mode
When the input voltage is higher than the setting output voltage, the output voltage is higher than the target
regulation voltage. When the output voltage is 101% of the setting target voltage, the LP5813 stops switching
and fully turns on the high-side FET and works in pass-through mode. The output voltage is the input voltage
minus the voltage drop across the DCR of the inductor and the RDS(on) of the high-side FET. When the output
voltage drops below the 97% of the setting target voltage as the input voltage declines or the load current
increases, the LP5813 resumes switching again to regulate the output voltage.
9.3.2 Time-cross-multiplexing (TCM) scheme
The LP5813 integrates 4 high-side PMOS scan switches and 4 constant current sinks. Each OUTx (x = 0, 1, 2,
3) has 1 PMOS scan switch and 1 constant current sink. The source of PMOS switches are connected to the
boost output VOUT. During normal operation at default setting, the switches turn on sequentially from OUT0 to
OUT3. At the same time, only one OUT is selected working as switch, the other 3 OUTs act as constant current
sink. Thus a 4×3 matrix is formed with ¼ multiplexing ratio. The scanning order of OUTs can be configured in
'Dev_config_2' register
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com