Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments LP5813 Datasheet HTML 13Page - Texas Instruments LP5813 Datasheet HTML 14Page - Texas Instruments LP5813 Datasheet HTML 15Page - Texas Instruments LP5813 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
9 Detailed Description
9.1 Overview
The LP5813 is a synchronous boost 4 × 3 matrix RGB LED driver with autonomous animation engine control.
The device can support 1.8 V minimum start-up voltage and 0.5 V to 5.5 V input voltage range during operation.
The integrated synchronous boost converter can output 3 V to 5.5 V, to provide enough forward voltage of
LEDs. Time-cross-multiplexing (TCM) scheme can support up to 4×3 matrix for 12 LEDs or 4 RGB LEDs, by ¼
multiplexing ratio of the scan switches.
The LP5813 has ultra-low operation current at active mode, consuming about 0.4 mA when LED maximum
current setting is 25.5 mA. If all LEDs are turned off, the device will enter standby state to reduce power
consumption with data retained. When 'chip_enable' bit setting is 0, initial state is entered with minimum power
consumption to save power.
The LP5813 supports both analog dimming and PWM dimming. In analog dimming, the output current of each
LED can be adjusted with 256 steps. In PWM dimming, the integrated 8-bit configurable PWM generator enables
smooth brightness dimming control. Optional exponential PWM dimming can be activated for individual LED to
achieve a human-eye-friendly visual performance.
The LP5813 integrates autonomous animation engine, with no need for brightness control commands from
controller. Each LED has an individual animation engine which can be configured through the related registers.
The device can generate a 6 MHz clock signal, which synchronizes the lighting effects among multiple devices.
The LP5813 has 4 different material versions with different I2C chip address. Up to 4 LP581x devices can
be connected to the same I2C bus and controlled individually. The LP5813 materials and corresponding chip
addresses are shown in Device Comparison.
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com