Electronic Components Datasheet Search
  English  ▼

X  

LP5813 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments LP5813 Datasheet HTML 12Page - Texas Instruments LP5813 Datasheet HTML 13Page - Texas Instruments LP5813 Datasheet HTML 14Page - Texas Instruments LP5813 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
8 Typical Characteristics (continued)
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, CIN = 1 μF, COUT = 1 μF
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0.2mA_MIN
0.2mA_MAX
1mA_MIN
1mA_MAX
10mA_MIN
10mA_MAX
51mA_MIN
51mA_MAX
Figure 8-7. Channel-to-Channel Current Accuracy vs
Temperature(MC=1)
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
100
120
140
160
180
200
Figure 8-8. Boost High-side MOSFET RDSON
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
45
50
55
60
65
70
75
80
Figure 8-9. Boost Low-side MOSFET RDSON
Ambient Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
400
600
800
1000
1200
1400
VOUT = 3V
VOUT = 5V
Figure 8-10. Scan Line Switch MOSFET RDSON
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com