Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation ATAM862 Datasheet HTML 77Page - ATMEL Corporation ATAM862 Datasheet HTML 78Page - ATMEL Corporation ATAM862 Datasheet HTML 79Page - ATMEL Corporation ATAM862 Datasheet HTML 80Page - ATMEL Corporation ATAM862 Datasheet HTML 81Page - ATMEL Corporation ATAM862 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
78
4554E–4BMCU–05/06
ATAM862-3
Figure 23-21. MCL Bus Protocol 1
Bus not busy (1)
Both data and clock lines remain HIGH.
Start data transfer (2)
A HIGH to LOW transition of the SD line while the clock (SC)
is HIGH defines a START condition.
Stop data transfer (3)
A LOW to HIGH transition of the SD line while the clock (SC)
is HIGH defines a STOP condition.
Data valid (4)
The state of the data line represents valid data when,
after START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
Acknowledge
All address and data words are serially transmitted to and
from the device in eight-bit words. The receiving device
returns a zero on the data line during the ninth clock cycle to
acknowledge word receipt.
Figure 23-22. MCL Bus Protocol 2
23.8.8
SSI Interrupt
The SSI interrupt INT3 can be generated either by an SSI buffer register status (i.e., transmit
buffer empty or receive buffer full), the end of SSI data telegram or on the falling edge of the
SC/SD pins on Port 4 (see “Port 4 Control Register (P4CR) Byte Write” on page 40). SSI inter-
rupt selection is performed by the Interrupt FunctioN control bit (IFN). The SSI interrupt is usually
used to synchronize the software control of the SSI and inform the controller of the present SSI
status. The Port 4 interrupts can be used together with the SSI or, if the SSI itself is not required,
as additional external interrupt sources. In either case this interrupt is capable of waking the con-
troller out of sleep mode.
To enable and select the SSI relevant interrupts use the SSI interrupt mask (SIM) and the Inter-
rupt Function (IFN) while the Port 4 interrupts are enabled by setting appropriate control bits in
P4CR register.
(2)
(1)
(4)
(4)
(3)
(1)
Start
condition
Data
valid
Data
change
Data
valid
Stop
condition
SC
SD
SC
SD
Start
1
n89
1st Bit
8th Bit
ACK
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com