Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 13Page - ATMEL Corporation ATAM862 Datasheet HTML 14Page - ATMEL Corporation ATAM862 Datasheet HTML 15Page - ATMEL Corporation ATAM862 Datasheet HTML 16Page - ATMEL Corporation ATAM862 Datasheet HTML 17Page - ATMEL Corporation ATAM862 Datasheet HTML 18Page - ATMEL Corporation ATAM862 Datasheet HTML 19Page - ATMEL Corporation ATAM862 Datasheet HTML 20Page - ATMEL Corporation ATAM862 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
17
4554E–4BMCU–05/06
ATAM862-3
Figure 16-2. RAM Map
16.3
Registers
The microcontroller has seven programmable registers and one condition code register (see
Figure 16-3).
16.3.1
Program Counter (PC)
The program counter is a 12-bit register which contains the address of the next instruction to be
fetched from the EEPROM. Instructions currently being executed are decoded in the instruction
decoder to determine the internal micro-operations. For linear code (no calls or branches), the
program counter is incremented with every instruction cycle. If a branch-, call-, return-instruction
or an interrupt is executed, the program counter is loaded with a new address. The program
counter is also used with the table instruction to fetch 8-bit wide EEPROM constants.
Figure 16-3. Programming Mode l
RAM
FCh
00h
Autosleep
FFh
03h
04h
X
Y
SP
RP
TOS-1
Expression
stack
Return
stack
Global
variables
07h
(256 x 4-bit)
Global
variables
4-bit
TOS
TOS-1
TOS-2
30
SP
Expression stack
Return stack
0
11
12-bit
RP
v
TOS
CCR
0
3
0
3
0
7
0
7
7
0
11
RP
SP
X
Y
PC
--
B
I
Program counter
Return stack pointer
Expression stack pointer
RAM address register (X)
RAM address register (Y)
Top of stack register
Condition code register
Carry / borrow
Branch
Interrupt enable
Reserved
0
7
C
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com