Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 46Page - ATMEL Corporation ATAM862 Datasheet HTML 47Page - ATMEL Corporation ATAM862 Datasheet HTML 48Page - ATMEL Corporation ATAM862 Datasheet HTML 49Page - ATMEL Corporation ATAM862 Datasheet HTML 50Page - ATMEL Corporation ATAM862 Datasheet HTML 51Page - ATMEL Corporation ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
50
4554E–4BMCU–05/06
ATAM862-3
22.10 Timer 2 Output Modes
The signal at the timer output is generated via modulator 2. In the toggle mode, the compare
match event toggles the output T2O. For high resolution duty cycle modulation 8 bits or 12 bits
can be used to toggle the output. In the duty cycle burst modulator modes the DCG output is
connected to T2O and switched on and off either by the toggle flip-flop output or the serial data
line of the SSI. Modulator 2 also has 2 modes to output the content of the serial interface as
Biphase or Manchester code.
The modulator output stage can be configured by the output control bits in the T2M2 register.
The modulator is started with the start of the shift register (SIR = 0) and stopped either by carry-
ing out a shift register stop (SIR = 1) or compare match event of stage 1 (CM1) of Timer 2. For
this task, Timer 2 mode 3 must be used and the prescaler has to be supplied with the internal
shift clock (SCL).
Figure 22-13. Timer 2 Modulator Output Stage
22.11 Timer 2 Output Signals
22.11.1
Timer 2 Output Mode 1
Toggle Mode A: A Timer 2 compare match toggles the output flip-flop (M2) -> T2O
Figure 22-14. Interrupt Timer/Square Wave Generator – the Output Toggles with Each Edge
Compare Match Event
Toggle
RES/SET
Biphase/
Manchester
modulator
T2TOP
T2OS2, 1, 0
T2M2
T2O
M2
M2
S1
S2
S3
Modulator3
RE
FE
OMSK
SSI
CONTROL
TOG2
SO
DCGO
4
00
01
2
3
4
012
3
4
012
3
0
1
Input
Counter 2
T2R
Counter 2
CMx
INT4
T2O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com