Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 56Page - ATMEL Corporation ATAM862 Datasheet HTML 57Page - ATMEL Corporation ATAM862 Datasheet HTML 58Page - ATMEL Corporation ATAM862 Datasheet HTML 59Page - ATMEL Corporation ATAM862 Datasheet HTML 60Page - ATMEL Corporation ATAM862 Datasheet HTML 61Page - ATMEL Corporation ATAM862 Datasheet HTML 62Page - ATMEL Corporation ATAM862 Datasheet HTML 63Page - ATMEL Corporation ATAM862 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
60
4554E–4BMCU–05/06
ATAM862-3
Figure 23-2. Counter 3 Stage
The status of the timer as well as the occurrence of a compare match or an edge detect of the
input signal is indicated by the status register T2ST. This allows identification of the interrupt
source because all these events share only one timer interrupt.
Timer 3 compares data values
The Timer 3 has two 8-bit compare registers (T3CO1, T3CO2). The compare data value can be
‘m’ for each of the Timer 3 compare registers.
The compare data value for the compare registers is:
m = x + 1
0
≤x ≤255
23.2.1
Timer 3 – Mode 1: Timer/Counter
The selected clock from an internal or external source increments the 8-bit counter. In this mode,
the timer can be used as event counter for external clocks at T3I or as timer for generating inter-
rupts and pulses at T3O. The counter value can be read by the software via the capture register.
Figure 23-3. Counter Reset with Each Compare Match
8-bit comparator
Compare register 1
RES
Capture register
8-bit counter
Compare register 2
Control
C31
C32
Control
T3SM1
NQ
D
T3RM1
T3IM1
T3TM1
TOG2
T3I
T3TM2
T3IM2
T3RM2
T3SM2
NQ
D
CL3
T3EIM
TOG3
INT5
CM31
CM32
: T3M1
: T3M2
0
0
0012
3
5
12
34
0
01
23
1
2
T3R
Counter 3
CM31
INT5
T3O
3
CM32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com