Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 33Page - ATMEL Corporation ATAM862 Datasheet HTML 34Page - ATMEL Corporation ATAM862 Datasheet HTML 35Page - ATMEL Corporation ATAM862 Datasheet HTML 36Page - ATMEL Corporation ATAM862 Datasheet HTML 37Page - ATMEL Corporation ATAM862 Datasheet HTML 38Page - ATMEL Corporation ATAM862 Datasheet HTML 39Page - ATMEL Corporation ATAM862 Datasheet HTML 40Page - ATMEL Corporation ATAM862 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
37
4554E–4BMCU–05/06
ATAM862-3
Figure 22-2. Bi-directional Port 2
22.2.1
Port 2 Data Register (P2DAT)
Primary register address: "2"hex
* Bit 3 -> MSB, Bit 0 -> LSB
22.2.2
Port 2 Control Register (P2CR)
Auxiliary register address: "2"hex
Value: 1111b means all pins in input mode
Table 22-1.
Port 2 Control Register
Master reset
Q
Q
BP2y
Configurable
*
*
P2DATy
P2CRy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
pull-up
*
Static
Pull-up
(Data out)
(Direction)
*
S
D
*
S
*
V
DD
Static
Pull-down
Switched
pull-down
V
DD
Bit 3 *
Bit 2
Bit 1
Bit 0
P2DAT3
P2DAT2
P2DAT1
P2DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
P2CR3
P2CR2
P2CR1
P2CR0
Reset value: 1111b
Code
3 2 1 0
Function
x x x 1
BP20 in input mode
x x x 0
BP20 in output mode
x x 1 x
BP21 in input mode
x x 0 x
BP21 in output mode
x 1 x x
BP22 in input mode
x 0 x x
BP22 in output mode
1 x x x
BP23 in input mode
0 x x x
BP23 in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com