Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 95Page - ATMEL Corporation ATAM862 Datasheet HTML 96Page - ATMEL Corporation ATAM862 Datasheet HTML 97Page - ATMEL Corporation ATAM862 Datasheet HTML 98Page - ATMEL Corporation ATAM862 Datasheet HTML 99Page - ATMEL Corporation ATAM862 Datasheet HTML 100Page - ATMEL Corporation ATAM862 Datasheet HTML 101Page - ATMEL Corporation ATAM862 Datasheet HTML 102Page - ATMEL Corporation ATAM862 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
99
4554E–4BMCU–05/06
ATAM862-3
24.7.9
Read One Data Byte
24.7.10
Read Two Data Bytes
24.7.11
Read n Data Bytes
24.7.12
Read Control Bytes
A -> acknowledge, N -> no acknowledge; HB: high byte; LB: low byte, R: row address
24.8
Initialization the Serial Interface to the EEPROM
To prevent unexpected behavior of he EEPROM and its interface it is good practice to use an
initialization sequence after any reset of the circuit. This is performed by writing:
to the serial interface. If the EEPROM acknowledges this sequence it is in a defined state.
Maybe it is necessary to perform this sequence twice.
Start
Control byte
A
Data byte 1
N
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
N
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
A
- - -
Data byte n
N
Stop
MSB
LSB
Read low byte first,
address increment
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
1
Byte order
LB(R)
HB(R)
LB(R+1)
HB(R+1)
- - -
LB(R+n)
HB(R+n)
MSB
LSB
Read high byte first,
address decrement
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
1
Byte order
HB(R)
LB(R)
HB(R-1)
LB(R-1)
- - -
HB(R-n)
LB(R-n)
Start
"FFh"
A
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com