Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 15Page - ATMEL Corporation ATAM862 Datasheet HTML 16Page - ATMEL Corporation ATAM862 Datasheet HTML 17Page - ATMEL Corporation ATAM862 Datasheet HTML 18Page - ATMEL Corporation ATAM862 Datasheet HTML 19Page - ATMEL Corporation ATAM862 Datasheet HTML 20Page - ATMEL Corporation ATAM862 Datasheet HTML 21Page - ATMEL Corporation ATAM862 Datasheet HTML 22Page - ATMEL Corporation ATAM862 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
19
4554E–4BMCU–05/06
ATAM862-3
16.3.10
Interrupt Enable (I)
The interrupt enable flag globally enables or disables the triggering of all interrupt routines with
the exception of the non-maskable reset. After a reset or while executing the DI instruction, the
interrupt enable flag is reset, thus disabling all interrupts. The core will not accept any further
interrupt requests until the interrupt enable flag has been set again by either executing an EI or
SLEEP instruction.
16.4
ALU
The 4-bit ALU performs all the arithmetic, logical, shift and rotate operations with the top two ele-
ments of the expression stack (TOS and TOS-1) and returns the result to the TOS. The ALU
operations affects the carry/borrow and branch flag in the condition code register (CCR).
Figure 16-4. ALU Zero-address Operations
16.5
I/O Bus
The I/O ports and the registers of the peripheral modules are I/O mapped. All communication
between the core and the on-chip peripherals take place via the I/O bus and the associated I/O
control. With the microcontroller IN and OUT instructions, the I/O bus allows a direct read or
write access to one of the 16 primary I/O addresses. More about the I/O access to the on-chip
peripherals is described in the section “Peripheral Modules” on page 32. The I/O bus is internal
and is not accessible by the customer on the final microcontroller device, but it is used as the
interface for the microcontroller emulation (see section “Emulation” on page 104).
16.6
Instruction Set
The microcontroller instruction set is optimized for the high level programming language
qFORTH. Many microcontroller instructions are qFORTH words. This enables the compiler to
generate a fast and compact program code. The CPU has an instruction pipeline allowing the
controller to prefetch an instruction from EEPROM at the same time as the present instruction is
being executed. The microcontroller is a zero-address machine, the instructions contain only the
operation to be performed and no source or destination address fields. The operations are
implicitly performed on the data placed on the stack. There are one- and two-byte instructions
which are executed within 1 to 4 machine cycles. A microcontroller machine cycle is made up of
two system clock cycles (SYSCL). Most of the instructions are only one byte long and are exe-
cuted in a single machine cycle. For more information refer to the “MARC4 Programmer’s
Guide”.
TOS-1
CCR
RAM
TOS-2
SP
TOS-3
TOS
ALU
TOS-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com