Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 94Page - ATMEL Corporation ATAM862 Datasheet HTML 95Page - ATMEL Corporation ATAM862 Datasheet HTML 96Page - ATMEL Corporation ATAM862 Datasheet HTML 97Page - ATMEL Corporation ATAM862 Datasheet HTML 98Page - ATMEL Corporation ATAM862 Datasheet HTML 99Page - ATMEL Corporation ATAM862 Datasheet HTML 100Page - ATMEL Corporation ATAM862 Datasheet HTML 101Page - ATMEL Corporation ATAM862 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
98
4554E–4BMCU–05/06
ATAM862-3
24.7.4
Write One Data Byte
24.7.5
Write Two Data Bytes
24.7.6
Write Control Byte Only
24.7.7
Write Control Bytes
A -> acknowledge; HB: high byte; LB: low byte; R: row address
24.7.8
Read Operations
The EEPROM allows byte-, word- and current address read operations. The read operations are
initiated in the same way as write operations. Every read access is initiated by sending the
START condition followed by the control byte which contains the address and the read mode.
When the device has received a read command, it returns an acknowledge, loads the addressed
word into the read/write buffer and sends the selected data byte to the master. The master has
to acknowledge the received byte if it wants to proceed the read operation. If two bytes are read
out from the buffer the device increments respectively decrements the word address automati-
cally and loads the buffer with the next word. The read mode bits determines if the low or high
byte is read first from the buffer and if the word address is incremented or decremented for the
next read access. If the memory address limit is reached, the data word address will roll over
and the sequential read will continue. The master can terminate the read operation after every
byte by not responding with an acknowledge (N) and by issuing a stop condition.
Start
Control byte
A
Data byte 1
A
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
A
Stop
Start
Control byte
A
Stop
MSB
LSB
Write low byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
0
Byte order
LB(R)
HB(R)
MSB
LSB
Write high byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
0
Byte order
HB(R)
LB(R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com