Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 90Page - ATMEL Corporation ATAM862 Datasheet HTML 91Page - ATMEL Corporation ATAM862 Datasheet HTML 92Page - ATMEL Corporation ATAM862 Datasheet HTML 93Page - ATMEL Corporation ATAM862 Datasheet HTML 94Page - ATMEL Corporation ATAM862 Datasheet HTML 95Page - ATMEL Corporation ATAM862 Datasheet HTML 96Page - ATMEL Corporation ATAM862 Datasheet HTML 97Page - ATMEL Corporation ATAM862 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
94
4554E–4BMCU–05/06
ATAM862-3
24.4.1
Combination Mode 12: Burst Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 2:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 compare match toggles (TOG2) to the SSI
Timer 3 mode 7:
Carrier frequency burst modulation controlled by the internal
output (SO) of SSI
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency with the output toggle
flip-flop (M3). The internal data output (SO) of the SSI is used to enable and disable the Timer 3
output. The SSI can be supplied with the toggle signal of Timer 2.
Figure 24-17. Burst Modulation 2
24.4.2
Combination Mode 13: FSK Modulation
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 4-bit compare match signal (POUT) to the SSI
Timer 3 mode 8:
FSK modulation with shift register data output (SO)
The two compare registers are used to generate two different time intervals. The SSI data output
selects which compare register is used for the output frequency generation. A "0" level at the
SSI data output enables the compare register 1 and a "1" level enables the compare register 2.
The compare- and compare mode registers must be programmed to generate the two frequen-
cies via the output toggle flip-flop. The SSI can be supplied with the toggle signal of Timer 2 or
any other clock source. The Timer 3 counter is driven by an internal or external clock source.
0 1 0 123 4 5 0 1 01 2 3 4 5 0 1 0 1 2 345 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 10 1
30
1
2
3
3
0
1
3
2
CL3
Counter 3
CM31
CM32
TOG3
M3
Counter 2/2
TOG2
SO
T3O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com