Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 7Page - ATMEL Corporation ATAM862 Datasheet HTML 8Page - ATMEL Corporation ATAM862 Datasheet HTML 9Page - ATMEL Corporation ATAM862 Datasheet HTML 10Page - ATMEL Corporation ATAM862 Datasheet HTML 11Page - ATMEL Corporation ATAM862 Datasheet HTML 12Page - ATMEL Corporation ATAM862 Datasheet HTML 13Page - ATMEL Corporation ATAM862 Datasheet HTML 14Page - ATMEL Corporation ATAM862 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
11
4554E–4BMCU–05/06
ATAM862-3
Figure 7-5.
ESD Protection Circuit
CLK
PA_ENABLE
ANT2
ANT1
XTAL
ENABLE
VS
GND
8.
Absolute Maximum Ratings: RF Part
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
° C
Storage temperature
T
stg
-55
+125
° C
Ambient temperature
T
amb
-55
+125
° C
Input voltage
V
maxPA_ENABLE
-0.3
(V
S + 0.3)
(1)
V
Note:
1. If V
S + 0.3 is higher than 3.7 V, the maximum voltage will be reduced to 3.7 V.
9.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
135
K/W
10. Electrical Characteristics
V
S = 2.0 V to 4.0 V, Tamb = -40° C to +125° C, unless otherwise specified.
Typical values are given at V
S = 3.0 V and Tamb = 25° C. All parameters are referred to GND (Pin 3).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
V
ENABLE < 0.25 V, -40° C to +85° C
VPA-ENABLE < 0.25 V, -85° C to +125° C
VPA-ENABLE < 0.25 V, 25° C
(100% correlation tested)
IS_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, V
S = 3 V
VENABLE >1.7 V, VPA-ENABLE <0.25V
IS
3.7
4.8
mA
Supply current
Power up, VS = 3.0 V
VENABLE >1.7 V, VPA-ENABLE >1.7 V
I
S_Transmit
911.6
mA
Output power
VS =3.0 V, Tamb =25° C
f = 315 MHz, Z
Load = (255 + j192) Ω
PRef
6.0
8.0
10.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com