Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation ATAM862 Datasheet HTML 77Page - ATMEL Corporation ATAM862 Datasheet HTML 78Page - ATMEL Corporation ATAM862 Datasheet HTML 79Page - ATMEL Corporation ATAM862 Datasheet HTML 80Page - ATMEL Corporation ATAM862 Datasheet HTML 81Page - ATMEL Corporation ATAM862 Datasheet HTML 82Page - ATMEL Corporation ATAM862 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
79
4554E–4BMCU–05/06
ATAM862-3
23.8.9
Modulation and Demodulation
If the shift register is used together with Timer 2 or Timer 3 for modulation or demodulation pur-
poses, the 8-bit synchronous mode must be used. In this case, the unused Port 4 pins can be
used as conventional bi-directional ports.
The modulation and demodulation stages, if enabled, operate as soon as the SSI is activated
(SIR = 0) and cease when deactivated (SIR = 1).
Due to the byte-orientated data control, the SSI (when running normally) generates serial bit
streams which are submultiples of 8 bits. An SSI output masking (OMSK) function permits; how-
ever, the generation of bit streams of any length. The OMSK signal is derived indirectly from the
4-bit prescaler of the Timer 2 and masks out a programmable number of unrequired trailing data
bits during the shifting out of the final data word in the bit stream. The number of non-masked
data bits is defined by the value pre-programmed in the prescaler compare register. To use out-
put masking, the modulator stop mode bit (MSM) must be set to "0" before programming the
final data word into the SSI transmit buffer. This in turn, enables shift clocks to the prescaler
when this final word is shifted out. On reaching the compare value, the prescaler triggers the
OMSK signal and all following data bits are blanked.
Figure 23-23. SSI Output Masking Function
8-bit shift register
MSB
LSB
Shift_CL
SO
Control
SI
Timer 2
Output
SSI-control
SO
Compare 2/1
4-bit counter 2/1
CL2/1
SCL
CM1
OMSK
SC
TOG2
POUT
T1OUT
SYSCL
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com