Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 50Page - ATMEL Corporation ATAM862 Datasheet HTML 51Page - ATMEL Corporation ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation ATAM862 Datasheet HTML 55Page - ATMEL Corporation ATAM862 Datasheet HTML 56Page - ATMEL Corporation ATAM862 Datasheet HTML 57Page - ATMEL Corporation ATAM862 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
54
4554E–4BMCU–05/06
ATAM862-3
22.12.1
Timer 2 Control Register (T2C)
Address: "7"hex - Subaddress: "0"hex
Table 22-7.
Timer 2 Clock Select Bits
22.12.2
Timer 2 Mode Register 1 (T2M1)
Address: "7"hex - Subaddress: "1"hex
Table 22-8.
Timer 2 Duty Cycle
Bit 3Bit 2Bit 1Bit 0
T2CS1
T2CS0
T2TS
T2R
Reset value: 0000b
T2CS1
Timer 2 Clock Select bit 1
T2CS0
Timer 2 Clock Select bit 0
T2CS1
T2CS0
Input Clock (CL 2/1) of Counter Stage 2/1
0
0
System clock (SYSCL)
0
1
Output signal of Timer 1 (T1OUT)
1
0
Internal shift clock of SSI (SCL)
1
1
Output signal of Timer 3 (TOG3)
T2TS
Timer 2 Toggle with Start
T2TS = 0, the output flip-flop of Timer 2 is not toggled with the timer start
T2TS = 1, the output flip-flop of Timer 2 is toggled when the timer is started with
T2R
T2R
Timer 2 Run
T2R = 0, Timer 2 stop and reset
T2R = 1, Timer 2 run
Bit 3Bit 2Bit 1Bit 0
T2D1
T2D0
T2MS1
T2MS0
Reset value: 1111b
T2D1
Timer 2 Duty cycle bit 1
T2D0
Timer 2 Duty cycle bit 0
T2D1
T2D0
Function of Duty Cycle Generator (DCG)
Additional Divider Effect
1
1
Bypassed (DCGO0)
/1
1
0
Duty cycle 1/1 (DCGO1)
/2
0
1
Duty cycle 1/2 (DCGO2)
/3
0
0
Duty cycle 1/3 (DCGO3)
/4
T2MS1
Timer 2 Mode Select bit 1
T2MS0
Timer 2 Mode Select bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com