Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAM510 Datasheet HTML 1Page - ATMEL Corporation ATAM510 Datasheet HTML 2Page - ATMEL Corporation ATAM510 Datasheet HTML 3Page - ATMEL Corporation ATAM510 Datasheet HTML 4Page - ATMEL Corporation ATAM510 Datasheet HTML 5Page - ATMEL Corporation ATAM510 Datasheet HTML 6Page - ATMEL Corporation ATAM510 Datasheet HTML 7Page - ATMEL Corporation ATAM510 Datasheet HTML 8Page - ATMEL Corporation ATAM510 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Features
• Programmable System Clock with Prescaler and Five Different Clock Sources
– Up to 8-MHz Crystal Oscillator (System Clock)
– 32-kHz Crystal Oscillator
– RC-oscillator Fully Integrated
– RC-oscillator with External Resistor Adjustment
– External Clock Input
• Wide Supply-voltage Range (2.4 V to 6.2 V)
• Very Low Halt Current
• 4-Kbyte EEPROM, 256
× 4-bit RAM
• 8 Hard and Software Interrupt Priority Levels
• Up to 10 External and 4 Internal Interrupts, Bit Wise Maskable with
Programmable Priority Level
• Up to 34 I/O Lines
• I/O Ports – Bit Wise Configurable with Combined Interrupt Handling
(for Serial I/O Applications)
• 2
× 8-bit Multifunction Timer/Counters
• Coded Reset and Watchdog Timer
• Power-on Reset and “Brown Out” Functions
• Various Power-down Modes
• Efficient, Hardware-controlled Interrupt Handling
• High Level Programming Language qFORTH
• Comprehensive Library of Useful Routines
• Windows® 95/Windows NT® Based Development and Programmer Tools
Description
The ATAM510 is a Multi-time Programmable (MTP) microcontroller which is pin and
functionally compatible to Atmel’s ATAR510 mask programmable microcontroller. It
contains an EEPROM, RAM, up to 34 digital I/O pins, up to 10 maskable external
interrupt sources, 4 maskable internal interrupts, a watchdog timer, an interval timer,
2
× 8-bit multifunction timer/counter modules and a versatile software configurable
on-chip system clock module.
MARC4 4-bit
MTP Universal
Microcontroller
ATAM510
Rev. 4711B–4BMCU–01/05


Similar Part No. - ATAM510

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862 ATMEL-ATAM862 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
ATAM862-4 ATMEL-ATAM862-4 Datasheet
1Mb / 110P
Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATAM510

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
8-BIT MTP MICROCONTROLLER
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
8-BIT MTP MICROCONTROLLER
logo
ATMEL Corporation
ATAR510 ATMEL-ATAR510 Datasheet
1,022Kb / 74P
MARC 4 4-BIT UNIVERSAL MICROCONTROLLER
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM893S ATMEL-ATAM893S Datasheet
44Kb / 3P
MARC4 4-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com