Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 9Page - ATMEL Corporation ATAM510 Datasheet HTML 10Page - ATMEL Corporation ATAM510 Datasheet HTML 11Page - ATMEL Corporation ATAM510 Datasheet HTML 12Page - ATMEL Corporation ATAM510 Datasheet HTML 13Page - ATMEL Corporation ATAM510 Datasheet HTML 14Page - ATMEL Corporation ATAM510 Datasheet HTML 15Page - ATMEL Corporation ATAM510 Datasheet HTML 16Page - ATMEL Corporation ATAM510 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
4711B–4BMCU–01/05
ATAM510
2.6
Hardware Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is activated
independent of the current program state. It can be triggered by either initial supply power-up, a
short collapse of the power supply, a watchdog time-out, activation of the NRST input, or the
occurrence of a coded reset on Port A (see Figure 2-7).
A master reset activation will reset the interrupt enable flag, the interrupt pending registers the
interrupt active registers and initializes all on-chip peripherals. In this state all ports take on a
high resistance input status with deactivated pull-up and pull-down transistors (see Figure 2-9
on page 16)
When the reset condition disappears, the hardware configuration previously programmed in the
configuration EEPROM (see section “MTP Programming”) is loaded into the peripherals so that
all port characteristics and pull-up/downs reflect the programmed configuration. This configura-
tion period is immediately followed by a further reset delay time (approximately 80 ms), after
which a short call instruction (opcode C1h) to the EEPROM address 008h is performed. This
activates the initialization routine $RESET which in turn initializes all necessary RAM variables,
stack pointers and peripheral configuration registers.
Figure 2-7.
Reset Configuration/Start-up Sequence
2.6.1
Power-on Reset
The fully integrated power-on reset circuit ensures that the core is held in a reset state until the
minimum operating supply voltage has been reached. A reset condition is also generated should
the supply voltage drop momentarily below the minimum operating supply.
2.6.2
External Reset (NRST)
An external reset can be triggered with the NRST pin. To activate an external reset, the pin
should be low for a minimum of 4 µs.
2.6.3
Coded Reset (Port A)
The coded reset circuit is connected directly to Port A terminals. By using a mask option, the
user can define a hardwired code combination (e.g., all pins low) which, if occurring on Port A,
will generate a reset in the same way as the NRST pin.
Port A
Port A
I/O
reset code
CPU
NRST
Watch-
Power-on
reset
CPU reset
rst
Pull-up
CODE(1)
Time out
V
DD
WD reset
(1) = Configuration
dog(1)
Reset delay
timer
V
SS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com