Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 14Page - ATMEL Corporation ATAM510 Datasheet HTML 15Page - ATMEL Corporation ATAM510 Datasheet HTML 16Page - ATMEL Corporation ATAM510 Datasheet HTML 17Page - ATMEL Corporation ATAM510 Datasheet HTML 18Page - ATMEL Corporation ATAM510 Datasheet HTML 19Page - ATMEL Corporation ATAM510 Datasheet HTML 20Page - ATMEL Corporation ATAM510 Datasheet HTML 21Page - ATMEL Corporation ATAM510 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18
4711B–4BMCU–01/05
ATAM510
Figure 2-13. System Clock Oscillator
2.7.2.5
32-kHz Oscillator
Some applications require accurate long-term time keeping without putting excessive demands
on the CPU or alternatively low resolution computing power. In this case, the on-chip ultra low
power 32-kHz crystal oscillator can be used to generate both the SUBCL and/or the SYSCL. In
this mode, power consumption can be significantly reduced. The 32-kHz crystal oscillator will
key operating (not stopped) during any CPU power-down/SLEEP mode.
Figure 2-14. 32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
2.7.2.6
Quartz Oscillator Configuration
If the customer’s application necessitates the use of a quartz crystal clock source and this
requires capacitive trimming, the trimming capacitors are not integrated into the MTP unlike the
ATAR510 and should therefore be connected externally as discrete components between the
respective Quartz Crystal terminals (OSCIN, OSCOUT) and VSS.
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSCIN
OSCOUT
Oscin
Oscout
Cer.
Res
C
3
C
4
XTAL
32-kHz
oscillator
32Out
32Out
OSCIN
OSCOUT
Oscin
Oscout
XTAL
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com