Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 17Page - ATMEL Corporation ATAM510 Datasheet HTML 18Page - ATMEL Corporation ATAM510 Datasheet HTML 19Page - ATMEL Corporation ATAM510 Datasheet HTML 20Page - ATMEL Corporation ATAM510 Datasheet HTML 21Page - ATMEL Corporation ATAM510 Datasheet HTML 22Page - ATMEL Corporation ATAM510 Datasheet HTML 23Page - ATMEL Corporation ATAM510 Datasheet HTML 24Page - ATMEL Corporation ATAM510 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
21
4711B–4BMCU–01/05
ATAM510
2.7.6
Clock Monitor Mode
Figure 2-15. Clock Monitoring
For trimming purposes, the ATAM510 can be put into a clock monitor mode. By forcing the test
input (TE) high, the SYSCL clock will appear on BP11 (Port 1, bit 1) and SUBCL clock on Port
BP10 (Port 1, bit 0). On releasing the TE pin, the BP10 and BP11 will resume their normal func-
tion (see Figure 2-15).
3.
Peripheral Modules
3.1
Addressing Peripherals
Accessing the peripheral modules takes place via the I/O bus (see Figure 3-1 on page 22). The
IN or OUT instructions allow direct addressing of up to 16 I/O modules. A dual register address-
ing scheme has been adopted which addresses the “primary register” directly. To address the
“auxiliary register”, the access must be switched with an “auxiliary switching module”. Thus, a
single IN (or OUT) to the module address will read (or write) into the module primary register.
Accessing the auxiliary register is performed with the same instruction preceded by writing the
module address into the auxiliary switching module. Byte-wide registers are accessed by multi-
ple IN (or OUT) instructions. Extended addressing is used for more complex peripheral modules,
with a larger number of registers. In this case, a bank of up to 16 subport registers are indirectly
addressed with the subport address being initially written into the auxiliary register. Please refer
to the “HARDC510.SCR” hardware interface file as a programming guideline.
SYSCL clocks
NRST
TE
BP11
Oscillator supervisory mode
Normal operation
BP10
SUBCL clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com